Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DS99R101VS/NOPB Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # DS99R101VS/NOPB
Description  DS99R101/DS99R102 3-40MHz DC-Balanced 24-Bit LVDS Serializer and Deserializer
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DS99R101VS/NOPB Datasheet(HTML) 4 Page - Texas Instruments

  DS99R101VS/NOPB Datasheet HTML 1Page - Texas Instruments DS99R101VS/NOPB Datasheet HTML 2Page - Texas Instruments DS99R101VS/NOPB Datasheet HTML 3Page - Texas Instruments DS99R101VS/NOPB Datasheet HTML 4Page - Texas Instruments DS99R101VS/NOPB Datasheet HTML 5Page - Texas Instruments DS99R101VS/NOPB Datasheet HTML 6Page - Texas Instruments DS99R101VS/NOPB Datasheet HTML 7Page - Texas Instruments DS99R101VS/NOPB Datasheet HTML 8Page - Texas Instruments DS99R101VS/NOPB Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 29 page
background image
DS99R101, DS99R102
SNLS240D – MARCH 2007 – REVISED APRIL 2013
www.ti.com
Electrical Characteristics
(1)(2)(3) (continued)
Over recommended operating supply and temperature ranges unless otherwise specified.
Symbol
Parameter
Conditions
Pin/Freq.
Min
Typ
Max
Units
VOD
Output Differential Voltage
RL = 100Ω
Tx: DOUT+, DOUT−
250
400
600
mV
(DOUT+)–(DOUT−)
VODSEL = L (Figure 10)
RL = 100Ω
450
750
1200
mV
VODSEL = H (Figure 10)
ΔVOD
Output Differential Voltage
RL = 100Ω
4
50
mV
Unbalance
VOS
Offset Voltage
RL = 100Ω
1.00
1.25
1.50
V
ΔVOS
Offset Voltage Unbalance
RL = 100Ω
1
50
mV
IOS
Output Short Circuit Current
DOUT = 0V, DIN = H,
TPWDNB, DEN = 2.4V,
−2
−5
−8
mA
VODSEL = L
DOUT = 0V, DIN = H,
TPWDNB, DEN = 2.4V,
−7
−10
−13
mA
VODSEL = H
IOZ
TRI-STATE Output Current
TPWDNB, DEN = 0V,
−15
±1
+15
µA
DOUT = 0V or 2.4V
SER/DES SUPPLY CURRENT (DVDD(5), PVDD(5) and AVDD(5) pins)
IDDT
Serializer (Tx)
RL = 100Ω
f = 40 MHz
Total Supply Current
VODSEL = L
40
80
mA
(includes load current)
Checker-board pattern (Figure 1)(6)
RL = 100Ω
f = 40 MHz
VODSEL = H
40
85
mA
Checker-board pattern (Figure 1)(6)
IDDTZ
Serializer (Tx)
TPWDNB = 0V
1
100
µA
Supply Current Power-down
(All other LVCMOS Inputs = 0V)
IDDR
Deserializer (Rx)
CL = 8 pF LVCMOS Output
f = 40 MHz
Total Supply Current
Checker-board pattern
95
mA
(includes load current)
(Figure 2)(6)
Deserializer (Rx)
CL = 8 pF LVCMOS Output
f = 40 MHz
Total Supply Current
Random pattern
90
mA
(includes load current)
IDDRZ
Deserializer (Rx)
RPWDNB = 0V
Supply Current Power-down
(All other LVCMOS Inputs = 0V,
1
50
µA
RIN+/ RIN-= 0V)
(5)
Digital, PLL, and Analog VDDs
(6)
Figure 1, Figure 2, Figure 8, Figure 12, Figure 14 show a falling edge data strobe (TCLK IN/RCLK OUT).
Serializer Timing Requirements for TCLK
Over recommended operating supply and temperature ranges unless otherwise specified.
Symbol
Parameter
Conditions
Min
Typ
Max
Units
tTCP
Transmit Clock Period
Figure 5(1)
25
T
333
ns
tTCIH
Transmit Clock High Time
0.4T
0.5T
0.6T
ns
tTCIL
Transmit Clock Low Time
0.4T
0.5T
0.6T
ns
tCLKT
TCLK Input Transition Time
Figure 4
3
6
ns
tJIT
TCLK Input Jitter
See (2)
ps
33
(RMS)
(1)
Figure 5, Figure 15 show a rising edge data strobe (TCLK IN/RCLK OUT).
(2)
tJIT (@BER of 10e-9) specifies the allowable jitter on TCLK. tJIT not included in TxOUT_E_O parameter.
4
Submit Documentation Feedback
Copyright © 2007–2013, Texas Instruments Incorporated
Product Folder Links: DS99R101 DS99R102



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com