Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DS99R101VS/NOPB Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # DS99R101VS/NOPB
Description  DS99R101/DS99R102 3-40MHz DC-Balanced 24-Bit LVDS Serializer and Deserializer
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DS99R101VS/NOPB Datasheet(HTML) 1 Page - Texas Instruments

  DS99R101VS/NOPB Datasheet HTML 1Page - Texas Instruments DS99R101VS/NOPB Datasheet HTML 2Page - Texas Instruments DS99R101VS/NOPB Datasheet HTML 3Page - Texas Instruments DS99R101VS/NOPB Datasheet HTML 4Page - Texas Instruments DS99R101VS/NOPB Datasheet HTML 5Page - Texas Instruments DS99R101VS/NOPB Datasheet HTML 6Page - Texas Instruments DS99R101VS/NOPB Datasheet HTML 7Page - Texas Instruments DS99R101VS/NOPB Datasheet HTML 8Page - Texas Instruments DS99R101VS/NOPB Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 29 page
background image
DS99R101, DS99R102
www.ti.com
SNLS240D – MARCH 2007 – REVISED APRIL 2013
DS99R101/DS99R102 3-40MHz DC-Balanced 24-Bit LVDS Serializer and Deserializer
Check for Samples: DS99R101, DS99R102
1
FEATURES
Receiver
•
48-Pin TQFP Package
2
•
3 MHz–40 MHz Clock Embedded and DC-
Balancing 24:1 and 1:24 Data Transmissions
•
Pure CMOS .35
μm Process
•
User Selectable Clock Edge for Parallel Data
•
Power Supply Range 3.3V ± 10%
on Both Transmitter and Receiver
•
Temperature Range 0°C to +70°C
•
Internal DC Balancing Encode/Decode –
•
8 kV HBM ESD Tolerance
Supports AC-Coupling Interface with No
External Coding Required
DESCRIPTION
•
Individual Power-Down Controls for Both
The DS99R101/DS99R102 Chipset translates a 24-
Transmitter and Receiver
bit parallel bus into a fully transparent data/control
LVDS serial stream with embedded clock information.
•
Embedded Clock CDR (Clock and Data
This single serial stream simplifies transferring a 24-
Recovery) on Receiver and No External Source
bit bus over PCB traces and cable by eliminating the
of Reference Clock Needed
skew problems between parallel data and clock
•
All Codes RDL (Random Data Lock) to Support
paths. It saves system cost by narrowing data paths
Live-Pluggable Applications
that in turn reduce PCB layers, cable width, and
connector size and pins.
•
LOCK Output Flag to Ensure Data Integrity at
Receiver Side
The
DS99R101/DS99R102
incorporates
LVDS
•
Balanced TSETUP/THOLD Between RCLK and
signaling on the high-speed I/O. LVDS provides a low
power
and
low
noise
environment
for
reliably
RDATA on Receiver Side
transferring data over a serial transmission path. By
•
PTO (Progressive Turn-On) LVCMOS Outputs
optimizing the serializer output edge rate for the
to Reduce EMI and Minimize SSO Effects
operating frequency range EMI is further reduced.
•
All LVCMOS Inputs and Control Pins Have
Internal DC balanced encoding/decoding is used to
Internal Pulldown
support AC-Coupled interconnects.
•
On-Chip Filters for PLLs on Transmitter and
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
All trademarks are the property of their respective owners.
PRODUCTION DATA information is current as of publication date.
Copyright © 2007–2013, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - DS99R101VS/NOPB

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
DS99R101VS NSC-DS99R101VS Datasheet
901Kb / 24P
3-40MHz DC-Balanced 24-Bit LVDS Serializer and Deserializer
DS99R101VSX NSC-DS99R101VSX Datasheet
901Kb / 24P
3-40MHz DC-Balanced 24-Bit LVDS Serializer and Deserializer
More results

Similar Description - DS99R101VS/NOPB

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
DS90C124 NSC-DS90C124 Datasheet
865Kb / 17P
5-35MHz DC-Balanced 24-Bit LVDS Serializer and Deserializer
DS99R103 NSC-DS99R103 Datasheet
890Kb / 22P
3-40MHz DC-Balanced 24-Bit LVDS Serializer and Deserializer
DS99R103_0710 NSC-DS99R103_0710 Datasheet
924Kb / 24P
3-40MHz DC-Balanced 24-Bit LVDS Serializer and Deserializer
DS99R105 NSC-DS99R105 Datasheet
922Kb / 24P
3-40MHz DC-Balanced 24-Bit LVDS Serializer and Deserializer
DS99R101 NSC-DS99R101 Datasheet
901Kb / 24P
3-40MHz DC-Balanced 24-Bit LVDS Serializer and Deserializer
logo
Texas Instruments
DS99R101 TI1-DS99R101_14 Datasheet
917Kb / 30P
3-40MHz DC-Balanced 24-Bit LVDS Serializer and Deserializer
DS99R103 TI1-DS99R103_14 Datasheet
1Mb / 30P
3-40MHz DC-Balanced 24-Bit LVDS Serializer and Deserializer
DS99R105 TI1-DS99R105_14 Datasheet
1,019Kb / 30P
3-40MHz DC-Balanced 24-Bit LVDS Serializer and Deserializer
DS99R103 TI1-DS99R103_13 Datasheet
1Mb / 29P
3-40MHz DC-Balanced 24-Bit LVDS Serializer and Deserializer
DS99R105 TI1-DS99R105_13 Datasheet
1,017Kb / 29P
DS99R105/DS99R106 3-40MHz DC-Balanced 24-Bit LVDS Serializer and Deserializer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com