Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DS99R101VS/NOPB Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # DS99R101VS/NOPB
Description  DS99R101/DS99R102 3-40MHz DC-Balanced 24-Bit LVDS Serializer and Deserializer
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DS99R101VS/NOPB Datasheet(HTML) 7 Page - Texas Instruments

Back Button DS99R101VS/NOPB Datasheet HTML 3Page - Texas Instruments DS99R101VS/NOPB Datasheet HTML 4Page - Texas Instruments DS99R101VS/NOPB Datasheet HTML 5Page - Texas Instruments DS99R101VS/NOPB Datasheet HTML 6Page - Texas Instruments DS99R101VS/NOPB Datasheet HTML 7Page - Texas Instruments DS99R101VS/NOPB Datasheet HTML 8Page - Texas Instruments DS99R101VS/NOPB Datasheet HTML 9Page - Texas Instruments DS99R101VS/NOPB Datasheet HTML 10Page - Texas Instruments DS99R101VS/NOPB Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 29 page
background image
DEN
DOUT-
DOUT+
5 pF
100:
Parasitic package and
Trace capcitance
200 mV
DCA
DCA
DCA
DCA
$OO GDWD ³0´V
CLK1
tZLD
tTCP
DCA
DCA
DCA
DCA
CLK1
tTCP
200 mV
DEN
(single-ended)
200 mV
DCA
DCA
DCA
DCA
$OO GDWD ³1´V
CLK0
tZHD
tTCP
DCA
DCA
DCA
DCA
CLK0
tTCP
200 mV
DOUT±
(differential)
VCC/2
0V
DOUT±
(differential)
0V
VCC/2
tHZD
DEN
(single-ended)
VCC/2
0V
0V
VCC/2
tLZD
Setup
VDD/2
Hold
tDIH
tDIS
TCLK
DIN [0:23]
tTCP
0V
VDD/2
VDD/2
VDD/2
VDD/2
VDD
80%
20%
80%
20%
tCLKT
tCLK
TCLK
VDD
0V
DS99R101, DS99R102
www.ti.com
SNLS240D – MARCH 2007 – REVISED APRIL 2013
Figure 4. Serializer Input Clock Transition Times
Figure 5. Serializer Setup/Hold Times
Figure 6. Serializer TRI-STATE Test Circuit and Delay
Copyright © 2007–2013, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Links: DS99R101 DS99R102



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com