Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FM-704A/883 Datasheet(PDF) 2 Page - Interpoint Corporation Company

Part # FM-704A/883
Description  EMI Input Filter and Transient Suppression Module
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERPOINT [Interpoint Corporation Company]
Direct Link  http://www.interpoint.com
Logo INTERPOINT - Interpoint Corporation Company

FM-704A/883 Datasheet(HTML) 2 Page - Interpoint Corporation Company

  FM-704A/883 Datasheet HTML 1Page - Interpoint Corporation Company FM-704A/883 Datasheet HTML 2Page - Interpoint Corporation Company FM-704A/883 Datasheet HTML 3Page - Interpoint Corporation Company FM-704A/883 Datasheet HTML 4Page - Interpoint Corporation Company FM-704A/883 Datasheet HTML 5Page - Interpoint Corporation Company FM-704A/883 Datasheet HTML 6Page - Interpoint Corporation Company FM-704A/883 Datasheet HTML 7Page - Interpoint Corporation Company FM-704A/883 Datasheet HTML 8Page - Interpoint Corporation Company FM-704A/883 Datasheet HTML 9Page - Interpoint Corporation Company  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
Operating COnditiOns and CharaCteristiCs
input Voltage range
16 to 40 VDC continuous for 40 W load
•
lead soldering temperature (10 sec per pin)
300°C
•
storage temperature range (case)
-65°C to +150°C
•
case operating temperature (tc)
-55°C to +125°C full power
•
Derating output power/current
Linearly from 40 W at 105°C to 20 W at 125°C to meet
•
MIL-STD-1275A (AT) and MIL-STD-704A
capacitance
0.017 µF max, any pin to case
•
undervoltage lockout
7 VDC min, 15 VDC max
•
isolation (tc = 25°c)
100 megohm minimum at 500 V
•
Any pin to case, except case pin
•
meChaniCal and envirOnmental
size (maximum)
2.910 x 1.125 x 0.400 inches (73.91 x 28.58 x 10.16 mm)
•
See case K1 for dimensions.
•
Weight (maximum)
40 grams typical
•
screening
Standard, ES, or 883 (Class H). See Screening Tables 1 and 2
•
for more information.
0.068
F
Positive
Input
Input
Common
Positive
Output
Output
Common
FM-704A
3.6 H
6 F
25 
3.6 H
6 F
3300
pF
15 
3300 pF / 500V
390 H
Inhibit
Oscillator
3300 pF
500V
6600 pF
500V
Case
The case ground connection between the filter and the converter should be as low
an impedance as possible to minimize EMI. Direct contact of the baseplate to
chassis ground provides the lowest impedance.
FIgure 1: ScheMaTIc – TypIcaL VaLueS
inhibit
Active low (output disabled)
•
Active low 0.8 V max
‣
Inhibit pin will source 0.6 mA max.
‣
Active high (output enabled)
•
open collector
‣
open pin voltage 5.5 V max.
‣
Crane Aerospace & Electronics Power Solutions
FM-704a eMi input Filter and transient suppression Module
28 Volt input – 40 Watt
www.craneae.com/interpoint
Page 2 of 9
FM-704A Rev C - 2011.11.07



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com