Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FM-704A/883 Datasheet(PDF) 4 Page - Interpoint Corporation Company

Part # FM-704A/883
Description  EMI Input Filter and Transient Suppression Module
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERPOINT [Interpoint Corporation Company]
Direct Link  http://www.interpoint.com
Logo INTERPOINT - Interpoint Corporation Company

FM-704A/883 Datasheet(HTML) 4 Page - Interpoint Corporation Company

  FM-704A/883 Datasheet HTML 1Page - Interpoint Corporation Company FM-704A/883 Datasheet HTML 2Page - Interpoint Corporation Company FM-704A/883 Datasheet HTML 3Page - Interpoint Corporation Company FM-704A/883 Datasheet HTML 4Page - Interpoint Corporation Company FM-704A/883 Datasheet HTML 5Page - Interpoint Corporation Company FM-704A/883 Datasheet HTML 6Page - Interpoint Corporation Company FM-704A/883 Datasheet HTML 7Page - Interpoint Corporation Company FM-704A/883 Datasheet HTML 8Page - Interpoint Corporation Company FM-704A/883 Datasheet HTML 9Page - Interpoint Corporation Company  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
MoDel nuMbering key
FM - 704A / 883
Base Model
MIL-STD-704A Reference
Screening
(Standard screening has no designator
in this position.)
Dla nuMbers
DLA DrAwing (5915)
FM-704A SiMiLAr PArt
94028-01HXC
FM-704A/883
For exact specifications for a DLA product, refer to the
DLA drawing. DLA drawings can be downloaded from:
http://www.landandmaritime.dla.mil/Programs/MilSpec/
default.aspx
MoDel nuMber options 1
to DeterMine the MoDeL nuMber
enter one oPtion FroM eAch cAtegory
in the ForM beLow
.
category
base Model and
input Voltage
screening 2
options
FM-704a
standard (leave blank)
es
883 (class H)
Fill in For
MoDel #
FM-704a
__________
/
Notes:
1. See Model Numbering Key above for an example of a model number.
2. Screening: For standard screening leave the screening option blank. For other
screening options, insert the desired screening level. For more information see
Screening Table 1.
Crane Aerospace & Electronics Power Solutions
FM-704a eMi input Filter and transient suppression Module
28 Volt input – 40 Watt
www.craneae.com/interpoint
Page 4 of 9
FM-704A Rev C - 2011.11.07



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com