Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FM-704A/883 Datasheet(PDF) 6 Page - Interpoint Corporation Company

Part # FM-704A/883
Description  EMI Input Filter and Transient Suppression Module
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERPOINT [Interpoint Corporation Company]
Direct Link  http://www.interpoint.com
Logo INTERPOINT - Interpoint Corporation Company

FM-704A/883 Datasheet(HTML) 6 Page - Interpoint Corporation Company

  FM-704A/883 Datasheet HTML 1Page - Interpoint Corporation Company FM-704A/883 Datasheet HTML 2Page - Interpoint Corporation Company FM-704A/883 Datasheet HTML 3Page - Interpoint Corporation Company FM-704A/883 Datasheet HTML 4Page - Interpoint Corporation Company FM-704A/883 Datasheet HTML 5Page - Interpoint Corporation Company FM-704A/883 Datasheet HTML 6Page - Interpoint Corporation Company FM-704A/883 Datasheet HTML 7Page - Interpoint Corporation Company FM-704A/883 Datasheet HTML 8Page - Interpoint Corporation Company FM-704A/883 Datasheet HTML 9Page - Interpoint Corporation Company  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
10
1000
100
0.1
1
10
100
1000
TIME (ms)
90
70
50
30
.015
0.1
1
10
50
10
FREQUENCY (MHz)
FIgure 6
FIgure 8
5 ms / div.
FM–704A
15 watt load
100 ms / div.
FM–704A
0 volts
for Vout
Vin
Vout
Vin andVout
0.10
1.00
10.00
FREQUENCY (Hz)
1 K
10 K
100 K
1 M
0.01
FIgure 7
Inrush Current
TypicalOutputImpedance(Z)
With Input Shorted
Undervoltage Lockout
FIgure 3
90
70
50
30
.015
.1
1
10
50
10
FREQUENCY (MHz)
CE03 Limit
FIgure 4
FIgure 5
–40
–20
0
20
FREQUENCY (Hz)
10 K
100 K
1 M
-80
–60
MHF+ Converter without Filter
MHF+ Converter with FM-704A Filter
Differential Mode Response
FIgure 9
Maximum Allowed Internal Power Dissipation
105°C case temperature
Derate power linearly to 50% at 125°C. operation below
this curve ensures a maximum junction temperature rise of
40°C or less.
Typical Performance Curves: 25°C TC, nominal Vin, unless otherwise specified.
Crane Aerospace & Electronics Power Solutions
FM-704a eMi input Filter and transient suppression Module
28 Volt input – 40 Watt
www.craneae.com/interpoint
Page 6 of 9
FM-704A Rev C - 2011.11.07



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com