Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FM-704A/883 Datasheet(PDF) 9 Page - Interpoint Corporation Company

Part # FM-704A/883
Description  EMI Input Filter and Transient Suppression Module
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERPOINT [Interpoint Corporation Company]
Direct Link  http://www.interpoint.com
Logo INTERPOINT - Interpoint Corporation Company

FM-704A/883 Datasheet(HTML) 9 Page - Interpoint Corporation Company

  FM-704A/883 Datasheet HTML 1Page - Interpoint Corporation Company FM-704A/883 Datasheet HTML 2Page - Interpoint Corporation Company FM-704A/883 Datasheet HTML 3Page - Interpoint Corporation Company FM-704A/883 Datasheet HTML 4Page - Interpoint Corporation Company FM-704A/883 Datasheet HTML 5Page - Interpoint Corporation Company FM-704A/883 Datasheet HTML 6Page - Interpoint Corporation Company FM-704A/883 Datasheet HTML 7Page - Interpoint Corporation Company FM-704A/883 Datasheet HTML 8Page - Interpoint Corporation Company FM-704A/883 Datasheet HTML 9Page - Interpoint Corporation Company  
Zoom Inzoom in Zoom Outzoom out
 9 / 9 page
background image
SCREENING TABLE 7: ENVIRONMENTAL SCREENING—HIGH RELIABILITY STANDARD, /ES AND /883 (CLASS H)
STANDARD AND /ES (NON-QML) AND /883 (CLASS H, QML)
MIL-PRF-38534 ENVIRONMENTAL SCREENING
NON
-QML 1
QML
TEST PERFORMED
STANDARD
/ES
/883
pre-cap inspection, Method 2017, 2032
temperature cycle (10 times)
Method 1010, Cond. C, -65°C to +150°C, ambient
Method 1010, Cond. B, -55°C to +125°C, ambient
constant acceleration
Method 2001, 3000 g
Method 2001, 500 g
burn-in Method 1015, +125°c case, typical 2
96 hours
160 hours
Final electrical test, Mil-prF-38534, group a,
Subgroups 1 through 6, -55°C, +25°C, +125°C case
Subgroups 1 and 4, +25°C case
Hermeticity test
Gross Leak, Method 1014, Cond. C
Fine Leak, Method 1014, Cond. A
Gross Leak, Dip
Final visual inspection, Method 2009
Test methods are referenced to MIL-STD-883 as determined by MIL-PRF-38534.
Notes:
1. Standard and /ES, non-QML products, may not meet all of the requirements of MIL-PRF-38534.
2. Burn-in temperature designed to bring the case temperature to +125°C minimum. Burn-in is a powered test.
ScreeNINg TaBLe 2: eNVIroNMeNTaL ScreeNINg
Crane Aerospace & Electronics Power Solutions
FM-704a eMi input Filter and transient suppression Module
FM-704A EMI Input Filters FM-704A Rev C - 2011.11.07. This revision supersedes all previous releases. All technical information is believed to be
accurate, but no responsibility is assumed for errors or omissions. Crane Electronics, Inc. reserves the right to make changes in products or specifi-
cations without notice. Interpoint and FM-704A are trademarks of Crane Electronics, Inc. Copyright © 1999 - 2011 Crane Electronics, Inc. All rights
reserved. www.craneae.com/interpoint
28 Volt input – 40 Watt
Page 9 of 9



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com