Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DP8390 Datasheet(PDF) 33 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # DP8390
Description  NIC Network Interface Controller
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DP8390 Datasheet(HTML) 33 Page - National Semiconductor (TI)

Back Button DP8390 Datasheet HTML 29Page - National Semiconductor (TI) DP8390 Datasheet HTML 30Page - National Semiconductor (TI) DP8390 Datasheet HTML 31Page - National Semiconductor (TI) DP8390 Datasheet HTML 32Page - National Semiconductor (TI) DP8390 Datasheet HTML 33Page - National Semiconductor (TI) DP8390 Datasheet HTML 34Page - National Semiconductor (TI) DP8390 Datasheet HTML 35Page - National Semiconductor (TI) DP8390 Datasheet HTML 36Page - National Semiconductor (TI) DP8390 Datasheet HTML 37Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 56 page
background image
130 Bus Arbitration and Timing
The NIC operates in three possible modes
TLF8582 – 64
Upon power-up the NIC is in an indeterminant state After
receiving a Hardware Reset the NIC comes up as a slave in
the Reset State The receiver and transmitter are both dis-
abled in this state The reset state can be reentered under
three conditions soft reset (Stop Command) hard reset
(RESET input) or an error that shuts down the receiver or
transmitter (FIFO underflow or overflow) After initialization
of registers the NIC is issued a Start command and the NIC
enters Idle state Until the DMA is required the NIC remains
in an idle state The idle state is exited by a request from the
FIFO in the case of receive or transmit or from the Remote
DMA in the case of Remote DMA operation After acquiring
the bus in a BREQBACK handshake the Remote or Local
DMA transfer is completed and the NIC reenters the idle
state
DMA TRANSFERS TIMING
The DMA can be programmed for the following types of
transfers
16-Bit Address 8-bit Data Transfer
16-Bit Address 16-bit Data Transfer
32-Bit Address 8-bit Data Transfer
32-Bit Address 16-bit Data Transfer
All DMA transfers use BSCK for timing 16-Bit Address
modes require 4 BSCK cycles as shown below
16-Bit Address 8-Bit Data
TLF8582 – 65
33



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com