Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DP8390 Datasheet(PDF) 2 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # DP8390
Description  NIC Network Interface Controller
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DP8390 Datasheet(HTML) 2 Page - National Semiconductor (TI)

  DP8390 Datasheet HTML 1Page - National Semiconductor (TI) DP8390 Datasheet HTML 2Page - National Semiconductor (TI) DP8390 Datasheet HTML 3Page - National Semiconductor (TI) DP8390 Datasheet HTML 4Page - National Semiconductor (TI) DP8390 Datasheet HTML 5Page - National Semiconductor (TI) DP8390 Datasheet HTML 6Page - National Semiconductor (TI) DP8390 Datasheet HTML 7Page - National Semiconductor (TI) DP8390 Datasheet HTML 8Page - National Semiconductor (TI) DP8390 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 56 page
background image
20 Block Diagram
TLF8582 – 2
FIGURE 1
30 Functional Description
(Refer to
Figure 1 )
RECEIVE DESERIALIZER
The Receive Deserializer is activated when the input signal
Carrier Sense is asserted to allow incoming bits to be shift-
ed into the shift register by the receive clock The serial
receive data is also routed to the CRC generatorchecker
The Receive Deserializer includes a synch detector which
detects the SFD (Start of Frame Delimiter) to establish
where byte boundaries within the serial bit stream are locat-
ed After every eight receive clocks the byte wide data is
transferred to the 16-byte FIFO and the Receive Byte Count
is incremented
The first six bytes after the SFD are
checked for valid comparison by the Address Recognition
Logic If the Address Recognition Logic does not recognize
the packet the FIFO is cleared
CRC GENERATORCHECKER
During transmission the CRC logic generates a local CRC
field for the transmitted bit sequence The CRC encodes all
fields after the synch byte The CRC is shifted out MSB first
following the last transmit byte During reception the CRC
logic generates a CRC field from the incoming packet This
local CRC is serially compared to the incoming CRC ap-
pended to the end of the packet by the transmitting node If
the local and received CRC match a specific pattern will be
generated and decoded to indicate no data errors Trans-
mission errors result in a different pattern and are detected
resulting in rejection of a packet
TRANSMIT SERIALIZER
The Transmit Serializer reads parallel data from the FIFO
and serializes it for transmission The serializer is clocked by
the transmit clock generated by the Serial Network Interface
(DP8391) The serial data is also shifted into the CRC gen-
eratorchecker At the beginning of each transmission the
Preamble and Synch Generator append 62 bits of 10 pre-
amble and a 11 synch pattern After the last data byte of
the packet has been serialized the 32-bit FCS field is shifted
directly out of the CRC generator In the event of a collision
the Preamble and Synch generator is used to generate a
32-bit JAM pattern of all 1’s
ADDRESS RECOGNITION LOGIC
The address recognition logic compares the Destination Ad-
dress Field (first 6 bytes of the received packet) to the Phys-
ical address registers stored in the Address Register Array
If any one of the six bytes does not match the pre-pro-
grammed physical address the Protocol Control Logic re-
jects the packet All multicast destination addresses are fil-
tered using a hashing technique (See register description)
If the multicast address indexes a bit that has been set in
the filter bit array of the Multicast Address Register Array
the packet is accepted otherwise it is rejected by the Proto-
col Control Logic Each destination address is also checked
for all 1’s which is the reserved broadcast address
FIFO AND FIFO CONTROL LOGIC
The NIC features a 16-byte FIFO During transmission the
DMA writes data into the FIFO and the Transmit Serializer
reads data from the FIFO and transmits it During reception
the Receive Deserializer writes data into the FIFO and the
DMA reads data from the FIFO The FIFO control logic is
used to count the number of bytes in the FIFO so that after
a preset level the DMA can begin a bus access and write
read data tofrom the FIFO before a FIFO underflowover-
flow occurs
2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com