Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DP8390 Datasheet(PDF) 23 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # DP8390
Description  NIC Network Interface Controller
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DP8390 Datasheet(HTML) 23 Page - National Semiconductor (TI)

Back Button DP8390 Datasheet HTML 19Page - National Semiconductor (TI) DP8390 Datasheet HTML 20Page - National Semiconductor (TI) DP8390 Datasheet HTML 21Page - National Semiconductor (TI) DP8390 Datasheet HTML 22Page - National Semiconductor (TI) DP8390 Datasheet HTML 23Page - National Semiconductor (TI) DP8390 Datasheet HTML 24Page - National Semiconductor (TI) DP8390 Datasheet HTML 25Page - National Semiconductor (TI) DP8390 Datasheet HTML 26Page - National Semiconductor (TI) DP8390 Datasheet HTML 27Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 56 page
background image
100 Internal Registers (Continued)
103 Register Descriptions
(Continued)
TRANSMIT CONFIGURATION REGISTER (TCR)
0DH (WRITE)
The transmit configuration establishes the actions of the transmitter section of the NIC during transmission of a packet on the
network LB1 and LB0 which select loopback mode power up as 0
7
6
543
2
1
0
OFST
ATD
LB1
LB0
CRC
Bit
Symbol
Description
D0
CRC
INHIBIT CRC
0 CRC appended by transmitter
1 CRC inhibited by transmitter
In loopback mode CRC can be enabled or disabled to test the CRC logic
D1 D2
LB0 LB1
ENCODED LOOPBACK CONTROL
These encoded configuration bits set the type of loopback
that is to be performed Note that loopback in mode 2 sets the LPBK pin high this places the SNI
in loopback mode and that D3 of the DCR must be set to zero for loopback operation
LB1
LB0
Mode 0
0
0
Normal Operation (LPBK e 0)
Mode 1
0
1
Internal Loopback (LPBK e 0)
Mode 2
1
0
External Loopback (LPBK e 1)
Mode 3
1
1
External Loopback (LPBK e 0)
D3
ATD
AUTO TRANSMIT DISABLE
This bit allows another station to disable the NIC’s transmitter by
transmission of a particular multicast packet The transmitter can be re-enabled by resetting this
bit or by reception of a second particular multicast packet
0 Normal Operation
1 Reception of multicast address hashing to bit 62 disables transmitter reception of multicast
address hashing to bit 63 enables transmitter
D4
OFST
COLLISION OFFSET ENABLE
This bit modifies the backoff algorithm to allow prioritization of
nodes
0 Backoff Logic implements normal algorithm
1 Forces Backoff algorithm modification to 0 to 2min(3an10) slot times for first three collisions
then follows standard backoff (For first three collisions station has higher average backoff delay
making a low priority mode)
D5
reserved
reserved
D6
reserved
reserved
D7
reserved
reserved
23



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com