Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DP8390 Datasheet(PDF) 17 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # DP8390
Description  NIC Network Interface Controller
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DP8390 Datasheet(HTML) 17 Page - National Semiconductor (TI)

Back Button DP8390 Datasheet HTML 13Page - National Semiconductor (TI) DP8390 Datasheet HTML 14Page - National Semiconductor (TI) DP8390 Datasheet HTML 15Page - National Semiconductor (TI) DP8390 Datasheet HTML 16Page - National Semiconductor (TI) DP8390 Datasheet HTML 17Page - National Semiconductor (TI) DP8390 Datasheet HTML 18Page - National Semiconductor (TI) DP8390 Datasheet HTML 19Page - National Semiconductor (TI) DP8390 Datasheet HTML 20Page - National Semiconductor (TI) DP8390 Datasheet HTML 21Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 56 page
background image
100 Internal Registers (Continued)
102 REGISTER ADDRESS ASSIGNMENTS
Page 0 Address Assignments (PS1 e 0 PS0 e 0)
RA0 – RA3
RD
WR
00H
Command (CR)
Command (CR)
01H
Current Local DMA
Page Start Register
Address 0 (CLDA0)
(PSTART)
02H
Current Local DMA
Page Stop Register
Address 1 (CLDA1)
(PSTOP)
03H
Boundary Pointer
Boundary Pointer
(BNRY)
(BNRY)
04H
Transmit Status
Transmit Page Start
Register (TSR)
Address (TPSR)
05H
Number of Collisions
Transmit Byte Count
Register (NCR)
Register 0 (TBCR0)
06H
FIFO (FIFO)
Transmit Byte Count
Register 1 (TBCR1)
07H
Interrupt Status
Interrupt Status
Register (ISR)
Register (ISR)
08H
Current Remote DMA Remote Start Address
Address 0 (CRDA0)
Register 0 (RSAR0)
09H
Current Remote DMA Remote Start Address
Address 1 (CRDA1)
Register 1 (RSAR1)
0AH
Reserved
Remote Byte Count
Register 0 (RBCR0)
0BH
Reserved
Remote Byte Count
Register 1 (RBCR1)
0CH
Receive Status
Receive Configuration
Register (RSR)
Register (RCR)
0DH
Tally Counter 0
Transmit Configuration
(Frame Alignment
Register (TCR)
Errors) (CNTR0)
0EH
Tally Counter 1
Data Configuration
(CRC Errors)
Register (DCR)
(CNTR1)
0FH
Tally Counter 2
Interrupt Mask
(Missed Packet
Register (IMR)
Errors) (CNTR2)
Page 1 Address Assignments (PS1 e 0 PS0 e 1)
RA0 – RA3
RD
WR
00H
Command (CR)
Command (CR)
01H
Physical Address
Physical Address
Register 0 (PAR0)
Register 0 (PAR0)
02H
Physical Address
Physical Address
Register 1 (PAR1)
Register 1 (PAR1)
03H
Physical Address
Physical Address
Register 2 (PAR2)
Register 2 (PAR2)
04H
Physical Address
Physical Address
Register 3 (PAR3)
Register 3 (PAR3)
05H
Physical Address
Physical Address
Register 4 (PAR4)
Register 4 (PAR4)
06H
Physical Address
Physical Address
Register 5 (PAR5)
Register 5 (PAR5)
07H
Current Page
Current Page
Register (CURR)
Register (CURR)
08H
Multicast Address
Multicast Address
Register 0 (MAR0)
Register 0 (MAR0)
09H
Multicast Address
Multicast Address
Register 1 (MAR1)
Register 1 (MAR1)
0AH
Multicast Address
Multicast Address
Register 2 (MAR2)
Register 2 (MAR2)
0BH
Multicast Address
Multicast Address
Register 3 (MAR3)
Register 3 (MAR3)
0CH
Multicast Address
Multicast Address
Register 4 (MAR4)
Register 4 (MAR4)
0DH
Multicast Address
Multicast Address
Register 5 (MAR5)
Register 5 (MAR5)
0EH
Multicast Address
Multicast Address
Register 6 (MAR6)
Register 6 (MAR6)
0FH
Multicast Address
Multicast Address
Register 7 (MAR7)
Register 7 (MAR7)
17



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com