Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADV7301A Datasheet(PDF) 38 Page - Analog Devices

Part # ADV7301A
Description  Multiformat SD, Progressive Scan/HDTV Video Encoder with Six NSV??12-Bit DACs
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADV7301A Datasheet(HTML) 38 Page - Analog Devices

Back Button ADV7301A Datasheet HTML 34Page - Analog Devices ADV7301A Datasheet HTML 35Page - Analog Devices ADV7301A Datasheet HTML 36Page - Analog Devices ADV7301A Datasheet HTML 37Page - Analog Devices ADV7301A Datasheet HTML 38Page - Analog Devices ADV7301A Datasheet HTML 39Page - Analog Devices ADV7301A Datasheet HTML 40Page - Analog Devices ADV7301A Datasheet HTML 41Page - Analog Devices ADV7301A Datasheet HTML 42Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 68 page
background image
REV. A
–38–
ADV7300A/ADV7301A
SD Internal Filter Response
[Subaddress 42h, Bit 0]
The Y filter supports several different frequency responses
including two low-pass responses, two notch responses, an
extended (SSAF) response with or without gain boost/attenua-
tion, a CIF response, and a QCIF response. The UV filter
supports several different frequency responses, including six
low-pass responses, a CIF response, and a QCIF response, as
can be seen in Figures 41–59.
If SD SSAF gain is enabled, there is the option of 12 responses
in the range from –4 dB to +4 dB. The desired response can be
chosen by the user by programming the correct value via the
I
2C. The variation of frequency responses can be seen in
Figures 41–59.
In addition to the chroma filters listed above, the ADV7300A/
ADV7301A contains an SSAF filter specifically designed for
and applicable to the color difference component outputs U and
V. This filter has a cutoff frequency of approximately 2.7 MHz
and –40 dB at 3.8 MHz, as shown in Figure 41. This filter can
be controlled via Address 42h, Bit 0. If this filter is disabled, the
selectable chroma filters shown in Table XVI can be used for
the CVBS or chroma signal.
Table XVI. Internal Filter Specifications
Pass-Band
3 dB
Filter
Ripple1 (dB)
Bandwidth2 (MHz)
Luma LPF NTSC
0.16
4.24
Luma LPF PAL
0.1
4.81
Luma Notch NTSC
0.09
2.3/4.9/6.6
Luma Notch PAL
0.1
3.1/5.6/6.4
Luma SSAF
0.04
6.45
Luma CIF
0.127
3.02
Luma QCIF
Monotonic
1.5
Chroma 0.65 MHz
Monotonic
0.65
Chroma 1.0 MHz
Monotonic
1
Chroma 1.3 MHz
0.09
1.395
Chroma 2.0 MHz
0.048
2.2
Chroma 3.0 MHz
Monotonic
3.2
Chroma CIF
Monotonic
0.65
Chroma QCIF
Monotonic
0.5
NOTES
1Pass-band ripple is the maximum fluctuation from the 0 dB response in the
pass band, measured in dB. The pass band is defined to have 0 Hz to fc (Hz)
frequency limits for a low-pass filter, 0 Hz to f1 (Hz) and f2 (Hz) to infinity for
a notch filter, where fc, f1, f2 are the –3 dB points.
2+3 dB bandwidth refers to the –3 dB cutoff frequency.
FREQUENCY – MHz
0
02
3
4
5
–10
–30
–50
–60
–20
–40
6
1
Figure 41. UV SSAF Filter
FREQUENCY – MHz
0
02468
12
–10
–30
–50
–60
–70
–20
–40
10
Figure 42. Luma NTSC Low-Pass Filter
FREQUENCY – MHz
0
02468
12
–10
–30
–50
–60
–70
–20
–40
10
Figure 43. Luma PAL Low-Pass Filter



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com