Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADV7301A Datasheet(PDF) 46 Page - Analog Devices

Part # ADV7301A
Description  Multiformat SD, Progressive Scan/HDTV Video Encoder with Six NSV??12-Bit DACs
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADV7301A Datasheet(HTML) 46 Page - Analog Devices

Back Button ADV7301A Datasheet HTML 42Page - Analog Devices ADV7301A Datasheet HTML 43Page - Analog Devices ADV7301A Datasheet HTML 44Page - Analog Devices ADV7301A Datasheet HTML 45Page - Analog Devices ADV7301A Datasheet HTML 46Page - Analog Devices ADV7301A Datasheet HTML 47Page - Analog Devices ADV7301A Datasheet HTML 48Page - Analog Devices ADV7301A Datasheet HTML 49Page - Analog Devices ADV7301A Datasheet HTML 50Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 68 page
background image
REV. A
–46–
ADV7300A/ADV7301A
HD Sharpness Filter and Adaptive Filter Application Examples
HD Sharpness Filter Application
The HD sharpness filter can be used to enhance or attenuate
the Y video output signal.
The register settings in Tables XIX and XX are used to achieve
the results shown in Figure 64. Input data was generated by an
external signal source.
Table XIX. Sharpness Filter on Frequency Sweep
Address
Register Setting
Reference
*
00h
FCh
01h
10h
02h
20h
10h
00h
11h
81h
20h
00h
a
20h
08h
b
20h
04h
c
20h
40h
d
20h
80h
e
20h
22h
f
*See Figure 64.
The effect of the sharpness filter can also be seen when using the
internally generated crosshatch pattern.
Table XX. Sharpness Filter on Internal Test Pattern
Address
Register Setting
00h
FCh
01h
10h
02h
20h
10h
00h
11h
85h
20h
99h
In toggling the Sharpness Filter Enable Bit [Address 11h,
Bit 8], it can be seen that the line contours of the crosshatch
pattern change their sharpness.
f
e
d
a
b
c
Figure 64. HD Sharpness Filter Control with Different Gain Settings for HD Sharpness Filter Gain Value
Adaptive Filter Control Application
Figure 65 shows a typical signal to be processed by the adaptive
filter control block.
: 692mV
@: 446mV
: 332ns
@: 12.8ms
Figure 65. Input Signal to Adaptive Filter Control
: 690mV
@: 446mV
: 332ns
@: 12.8ms
Figure 66. Output Signal After Adaptive Filter Control
The register settings in Table XXI are used to obtain the results
shown in Figure 66, i.e., to remove the ringing on the Y signal.
Input data was generated by an external signal source.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com