Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADV7301A Datasheet(PDF) 21 Page - Analog Devices

Part # ADV7301A
Description  Multiformat SD, Progressive Scan/HDTV Video Encoder with Six NSV??12-Bit DACs
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADV7301A Datasheet(HTML) 21 Page - Analog Devices

Back Button ADV7301A Datasheet HTML 17Page - Analog Devices ADV7301A Datasheet HTML 18Page - Analog Devices ADV7301A Datasheet HTML 19Page - Analog Devices ADV7301A Datasheet HTML 20Page - Analog Devices ADV7301A Datasheet HTML 21Page - Analog Devices ADV7301A Datasheet HTML 22Page - Analog Devices ADV7301A Datasheet HTML 23Page - Analog Devices ADV7301A Datasheet HTML 24Page - Analog Devices ADV7301A Datasheet HTML 25Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 68 page
background image
REV. A
ADV7300A/ADV7301A
–21–
Table VI. HD Adaptive Filters
Subaddress Register
Bit Description
Bit 7 Bit 6 Bit 5 Bit 4 Bit 3 Bit 2 Bit 1 Bit 0 Register Setting
Reset
38h
0000
Gain A = 0
0001
Gain A = +1
0111
Gain A = +7
1000
Gain A = –8
1111
Gain A = –1
0000
Gain B = 0
0001
Gain B = +1
0111
Gain B = +7
1000
Gain B = –8
1111
Gain B = –1
39h
0000
Gain A = 0
0001
Gain A = +1
0111
Gain A = +7
1000
Gain A = –8
1111
Gain A = –1
0000
Gain B = 0
0001
Gain B = +1
0111
Gain B = +7
1000
Gain B = –8
1111
Gain B = –1
3Ah
0000
Gain A = 0
0001
Gain A = +1
0111
Gain A = +7
1000
Gain A = –8
1111
Gain A = –1
0000
Gain B = 0
0001
Gain B = +1
0111
Gain B = +7
1000
Gain B = –8
1111
Gain B = –1
3Bh
HD Adaptive Filter
Threshold A
HD Adaptive Filter
Threshold A Value
XXXXXXXX
Threshold A
00hex
3Ch
HD Adaptive Filter
Threshold B
HD Adaptive Filter
Threshold B Value
XXXXXXXX
Threshold B
00hex
3Dh
HD Adaptive Filter
Threshold C
HD Adaptive Filter
Threshold C Value
XXXXXXXX
Threshold C
00hex
HD Adaptive Filter Gain 3
Value B
HD Adaptive Filter Gain 2
Value A
HD Adaptive Filter Gain 2
Value B
HD Adaptive Filter
Gain 1
HD Adaptive Filter
Gain 2
HD Adaptive Filter
Gain 3
00hex
00hex
00hex
HD Adaptive Filter Gain 1
Value B
HD Adaptive Filter Gain 1
Value A
HD Adaptive Filter Gain 3
Value A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com