Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADV7301A Datasheet(PDF) 2 Page - Analog Devices

Part # ADV7301A
Description  Multiformat SD, Progressive Scan/HDTV Video Encoder with Six NSV??12-Bit DACs
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADV7301A Datasheet(HTML) 2 Page - Analog Devices

  ADV7301A Datasheet HTML 1Page - Analog Devices ADV7301A Datasheet HTML 2Page - Analog Devices ADV7301A Datasheet HTML 3Page - Analog Devices ADV7301A Datasheet HTML 4Page - Analog Devices ADV7301A Datasheet HTML 5Page - Analog Devices ADV7301A Datasheet HTML 6Page - Analog Devices ADV7301A Datasheet HTML 7Page - Analog Devices ADV7301A Datasheet HTML 8Page - Analog Devices ADV7301A Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 68 page
background image
REV. A
–2–
ADV7300A/ADV7301A
FSC
MODULATION
S_HSYNC
S_VSYNC
S_BLANK
CLKIN_A
P_HSYNC
P_VSYNC
P_BLANK
CLKIN_B
HD PIXEL
INPUT
SD PIXEL
INPUT
DE-
INTER-
LEAVE
Y
CB
CR
TEST
PATTERN
SHARPNESS
AND
ADAPTIVE
FILTER
CONTROL
Y COLOR
CR COLOR
CB COLOR
4:2:2
TO
4:4:4
TIMING
GENERATOR
TIMING
GENERATOR
DE-
INTER-
LEAVE
Y
CB
CR
TEST
PATTERN
DNR
GAMMA
COLOR
CONTROL
SYNC
INSER-
TION
CLOCK
CONTROL
AND PLL
2
OVER-
SAMPLING
UV SSAF
V
U
PS 4
HDTV 2
RGB
MATRIX
SD 8
LUMA
AND
CHROMA
FILTERS
CGMS
WSS
DAC
DAC
DAC
DAC
DAC
DAC
Figure 1. Functional Block Diagram
DETAILED FEATURES
High Definition Programmable Features (720 p/1080 i)
2
Oversampling (148.5 MHz)
Internal Test Pattern Generator (Color Hatch, Black
Bar, Flat Field/Frame)
Fully Programmable YCrCb to RGB Matrix
Gamma Correction
Programmable Adaptive Filter Control
Programmable Sharpness Filter Control
CGMS-A (720 p/1080 i)
High Definition Programmable Features (525 p/625 p)
4
Oversampling (108 MHz Output)
Internal Test Pattern Generator (Color Hatch, Black
Bar, Flat Frame)
Individual Y and PrPb Output Delay
Gamma Correction
Programmable Adaptive Filter Control
Fully Programmable YCrCb to RGB Matrix
Undershoot Limiter
TERMS USED IN THIS DATA SHEET
SD
Standard Definition Video, conforming to
ITU-R.BT601/ITU-R.BT656.
HD
High Definition Video, i.e., Progressive Scan or HDTV.
PS
Progressive Scan Video, conforming to SMPTE293M
or ITU-R.BT1358.
Macrovision Rev 1.0 (525 p/625 p)*
CGMS-A (525 p)
Standard Definition Programmable Features
8
Oversampling (108 MHz)
Internal Test Pattern Generator (Color Bars, Black Bar)
Controlled Edge Rates for Sync, Active Video
Individual Y and UV Output Delay
Gamma Correction
Digital Noise Reduction
Multiple Chroma and Luma Filters
Luma-SSAF™ Filter with Programmable Gain/
Attenuation
UV SSAF
Separate Pedestal Control on Component and
Composite/S-Video Outputs
VCR FF/RW Sync Mode
Macrovision Rev 7.1*
CGMS/WSS
Closed Captioning
SSAF is a trademark of Analog Devices, Inc.
*ADV7300A Only
HDTV
High Definition Television Video, conforming to
SMPTE274M or SMPTE296M.
YCrCb
SD or HD Component Digital Video.
YPrPb
HD Component Analog Video.
YUV
SD Component Analog Video.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com