Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CPC5622 Datasheet(PDF) 12 Page - IXYS Corporation

Part # CPC5622
Description  Phone Line Interface IC (DAA)
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

CPC5622 Datasheet(HTML) 12 Page - IXYS Corporation

Back Button CPC5622 Datasheet HTML 8Page - IXYS Corporation CPC5622 Datasheet HTML 9Page - IXYS Corporation CPC5622 Datasheet HTML 10Page - IXYS Corporation CPC5622 Datasheet HTML 11Page - IXYS Corporation CPC5622 Datasheet HTML 12Page - IXYS Corporation CPC5622 Datasheet HTML 13Page - IXYS Corporation CPC5622 Datasheet HTML 14Page - IXYS Corporation CPC5622 Datasheet HTML 15Page - IXYS Corporation CPC5622 Datasheet HTML 16Page - IXYS Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 18 page
background image
INTEGRATED CIRCUITS DIVISION
CPC5622
12
www.ixysic.com
R03
Where:
• R
SNPD = R3 in the application circuits in this data
sheet.
• RSNP
TOTAL = the total of R6, R7, R44, and R45 in
the application circuits in this data sheet.
• C
SNP = C7 = C8 in the application circuits in this data
sheet.
• and ƒ is the frequency of the CID signal
The recommended components in the application
circuits yield a gain 0.26 dB at 2000 Hz. IXYS
Integrated Circuits Division Application Note AN-117
Customize Caller ID Gain and Ring Detect Voltage Threshold
is a spreadsheet for trying different component values
in this circuit. Changing the CID gain will also change
the ringing detection threshold and the timing of the
polarity reversal detection pulse, if used.
For single-ended receive applications where only one
RX output is used, the snoop circuit gain can be
adjusted back to 0 dB by changing the value of the
snoop series resistors R6, R7, R44 and R45 from
1.8M
 to 715k This change results in negligible
modification to the ringing detect threshold.
3.3 Off-Hook Operation: OH=0
3.3.1 Receive Signal Path
Signals to and from the telephone network appear on
the tip and ring connections of the application circuit.
Receive signals are extracted from transmit signals by
the LITELINK two-wire to four-wire hybrid then
converted to infrared light by the receive path LED.
The intensity of the light is modulated by the receive
signal and coupled across the electrical isolation
barrier by a reflective dome.
On the low voltage side of the barrier, the receive
signal is converted by a photodiode into photocurrent.
The photocurrent, a linear representation of the
receive signal, is amplified and converted to a
differential voltage output on RX+ and RX-.
Variations in gain are controlled to within ±0.4 dB by
factory gain trim, which sets the output to unity gain.
To accommodate single-supply operation, LITELINK
includes a small DC bias on the RX+ and RX- outputs
of 1.0 Vdc. Most applications should AC couple the
receive outputs as shown in Figure 4.
LITELINK may be used for differential or single-ended
output as shown in Figure 4. Single-ended use will
produce 6 dB less signal output amplitude. Do not
exceed 0 dBm referenced to 600
 (2.2 V
P-P) signal
output level with the standard application circuits. See
application note AN-157, Increased LITELINK III Transmit
Power for more information.
Figure 4. Differential and Single-ended Receive
Path Connections to LITELINK
3.3.2 Transmit Signal Path
Transmit signals from the CODEC to the TX+ and TX-
pins of LITELINK should be coupled through
capacitors as shown in Figure 5 to minimize dc offset
errors. Differential transmit signals are converted to
single-ended signals within LITELINK then coupled to
the optical transmit amplifier in a manner similar to the
receive path.
The output of the optical amplifier is coupled to a
voltage-to-current converter via a transconductance
stage where the transmit signal modulates the
telephone line loop current. As in the receive path, the
transmit gain is calibrated at the factory, limiting
insertion loss to 0 ±0.4 dB.
Differential and single-ended transmit signals into
LITELINK should not exceed a signal level of 0 dBm
referenced to 600
 (or 2.2 V
P-P). For output power
levels above 0dBm consult the application note
AN-157, Increased LITELINK III Transmit Power for more
information.
GAINCID dB

20
6RSNPD
RSNP
TOTAL
RSNPD
+

2
1
fC
SNP

2
--------------------------
+
-------------------------------------------------------------------------------------------------
log
=
RX+
RX-
RX+
RX+
RX
RX-
0.1μF
0.1μF
0.1μF
LITELINK
Low-Voltage Side CODEC
or Voice Circuit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com