Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CPC5622 Datasheet(PDF) 4 Page - IXYS Corporation

Part # CPC5622
Description  Phone Line Interface IC (DAA)
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

CPC5622 Datasheet(HTML) 4 Page - IXYS Corporation

  CPC5622 Datasheet HTML 1Page - IXYS Corporation CPC5622 Datasheet HTML 2Page - IXYS Corporation CPC5622 Datasheet HTML 3Page - IXYS Corporation CPC5622 Datasheet HTML 4Page - IXYS Corporation CPC5622 Datasheet HTML 5Page - IXYS Corporation CPC5622 Datasheet HTML 6Page - IXYS Corporation CPC5622 Datasheet HTML 7Page - IXYS Corporation CPC5622 Datasheet HTML 8Page - IXYS Corporation CPC5622 Datasheet HTML 9Page - IXYS Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 18 page
background image
INTEGRATED CIRCUITS DIVISION
CPC5622
4
www.ixysic.com
R03
1.2 Performance
NOTES: 1) This parameter is layout and component tolerance dependent.
Parameter
Minimum
Typical
Maximum
Unit
Conditions
DC Characteristics
Operating Voltage VDD
3.0
-
5.5
V
Low-voltage side
Operating Current IDD
-
9
13
mA
Low-voltage side
Operating Voltage VDDL
2.8
-
3.2
V
Line side, derived from tip and ring
Operating Current IDDL
-
7
8
mA
Line side, drawn from tip and ring while off-hook
On-hook Characteristics
Metallic DC Resistance
10
-
-
M
Tip to ring, 100 Vdc applied
Longitudinal DC Resistance
10
-
-
M
150 Vdc applied from tip and ring to Earth ground
Ringing Signal Detect Level
5
-
-
Vrms
68 Hz ringing signal applied across tip and ring
Ringing Signal Detect Level
28
-
-
Vrms
15 Hz ringing signal applied across tip and ring
Snoop Circuit Frequency Response
166
-
>4000
Hz
-3 dB corner frequency @ 166 Hz, in IXYS Integrated
Circuits Division application circuit
Snoop Circuit CMRR1
-40-
dB
120 VRMS 60 Hz common-mode signal across tip and
ring
Ringer Equivalence
-
0.01B
-
REN
Longitudinal Balance1
60
-
-
dB
Per FCC part 68
Off-Hook Characteristics
AC Impedance
-
600
-
Tip to ring, using resistive termination application circuit
Longitudinal Balance1
60
-
-
dB
Per FCC part 68
Return Loss
-
26
-
dB
Into 600
 at 1800 Hz
Transmit and Receive Characteristics
Frequency Response
30
-
4000
Hz
-3 dB corner frequency 30 Hz
Transhybrid Loss
-
36
-
dB
Into 600
 at 1800 Hz, with C18 in the resistive
termination application circuit
Transmit and Receive Insertion Loss
-0.4
0
0.4
dB
30 Hz to 4 kHz,
Resistive termination application circuit with MODE
de-asserted.
Reactive termination application circuit with MODE
asserted.
Average In-band Noise
-
-126
-
dBm/Hz
4 kHz flat bandwidth
Harmonic Distortion
-
-80
-
dB
-3 dBm, 600 Hz, 2nd harmonic
Transmit Level
-
-
2.2
VP-P
Single-tone sine wave. Or 0 dBm into 600
.
Receive Level
-
-
2.2
VP-P
Single-tone sine wave. Or 0 dBm into 600

RX+/RX- Output Drive Current
-
-
0.5
mA
Sink and source
TX+/TX- Input Impedance
60
90
120
k
Isolation Characteristics
Isolation Voltage
3000
-
-
Vrms
Line side to Low-voltage side, one minute duration
Surge Rise Time
2000
-
-
V/
S
No damage via tip and ring
MODE and OH Control Logic Inputs
Input Low Voltage
-
-
0.8
VIL
Input High Voltage
2.0
-
-
VIH
High Level Input Current
-
-
-120
A
VIN VDD
Low Level Input Current
-
-
-120
A
VIN = GND
RING and RING2 Output Logic Levels
Output High Voltage
VDD -0.4
--
V
IOUT = -400 A
Output Low Voltage
-
-
0.4
V
IOUT = 1 mA
Specifications subject to change without notice. All performance characteristics based on the use of IXYS Integrated Circuits Division application circuits.
Functional operation of the device at conditions beyond those specified here is not implied.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com