Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CPC5622 Datasheet(PDF) 1 Page - IXYS Corporation

Part # CPC5622
Description  Phone Line Interface IC (DAA)
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

CPC5622 Datasheet(HTML) 1 Page - IXYS Corporation

  CPC5622 Datasheet HTML 1Page - IXYS Corporation CPC5622 Datasheet HTML 2Page - IXYS Corporation CPC5622 Datasheet HTML 3Page - IXYS Corporation CPC5622 Datasheet HTML 4Page - IXYS Corporation CPC5622 Datasheet HTML 5Page - IXYS Corporation CPC5622 Datasheet HTML 6Page - IXYS Corporation CPC5622 Datasheet HTML 7Page - IXYS Corporation CPC5622 Datasheet HTML 8Page - IXYS Corporation CPC5622 Datasheet HTML 9Page - IXYS Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 18 page
background image
INTEGRATED CIRCUITS DIVISION
DS-CPC5622-R03
www.ixysic.com
1
Features
• Superior voice solution with low noise and excellent
part-to-part gain accuracy
• 3 kV
RMS line isolation
• Simultaneous ringing detection and CID monitoring
for worldwide applications
• Provides both full-wave ringing detect and half-wave
ringing detect for maximum versatility
• Transmit power of up to +10 dBm into 600
• Data access arrangement (DAA) solution for modem
speeds up to V.92
• 3.3V or 5 V power supply operation
• Easy interface with modem ICs and voice CODECs
• Worldwide dial-up telephone network compatibility
• CPC5622 can be used in circuits that comply with
the requirements of TIA/EIA/IS-968 (FCC part 68),
UL60950 (UL1950), EN/IEC 60950-1
Supplementary Isolation Compliant, IEC60950,
EN55022B, CISPR22B, EN55024, and TBR-21
• Line-side circuit powered from telephone line
• Compared to other silicon DAA solutions, LITELINK:
- Uses fewer passive components
- Takes up less printed-circuit board space
- Uses less telephone line power
- Is a single-IC solution
Applications
• Computer telephony and gateways, such as VoIP
• PBXs
• Satellite and cable set-top boxes
• V.92 (and other standard) modems
• Fax machines
• Voicemail systems
• Embedded modems for POS terminals, automated
banking, remote metering, vending machines,
security, and surveillance
Description
LITELINK III is a single-package silicon phone line
interface (PLI) DAA used in voice and data
communication applications to make connections
between low-voltage equipment and high-voltage
telephone networks.
LITELINK uses on-chip optical components and a few
inexpensive external components to form the required
high voltage isolation barrier. LITELINK eliminates the
need for large isolation transformers or capacitors
used in other phone line interface configurations.
LITELINK also provides AC and DC phone line
terminations, switchhook, 2-wire to 4-wire hybrid,
ringing detection, and full time receive on-hook
transmission capability.
The CPC5622 is a member of, and builds upon, IXYS
Integrated Circuits Division’s third generation of
LITELINK products with improved insertion loss
performance and lower minimum current draw from
the phone line. The CPC5622 version of LITELINK III
provides concurrent ringing detection and CID
monitoring for world wide applications. Both half-wave
and full-wave ringing detection are provided for
maximum versatility.
Ordering Information
CPC5622 Block Diagram
3kVrms
Isolation
e3
Pb
Part Number
Description
CPC5622A
32-Pin SOIC Phone Line Interface, 50/tube
CPC5622ATR
32-Pin SOIC Phone Line Interface,
tape and reel, 1000/reel
Transconductance
Stage
2-4 Wire Hybrid
AC/DC Termination
Hook Switch
Isolation Barrier
Tx.
Gain
Trim
Rx.
Gain
Trim
Snoop
Amplifier
Receive
Isolation
Amplifier
Transmit
Isolation
Amplifier
TIP
RING
Transmit
Diff.
Amplifier
Tx+
Tx-
OH
RING
MODE
RING2
Receive
Diff.
Amplifier
Rx+
Rx-
C
SNOOP
C
SNOOP
R
SNOOP
R
SNOOP
Rx Amp
&
Ringing Det.
Half Wave
Ringing Detect Outputs
Full Wave
CPC5622
LITELINK® III
Phone Line Interface IC (DAA)


Similar Part No. - CPC5622

ManufacturerPart #DatasheetDescription
logo
Clare, Inc.
CPC5622 CLARE-CPC5622 Datasheet
728Kb / 18P
LITELINK짰 III Phone Line Interface IC (DAA)
logo
IXYS Corporation
CPC5622-EVAL-600R IXYS-CPC5622-EVAL-600R Datasheet
300Kb / 11P
LITELINK III Evaluation Board
logo
Clare, Inc.
CPC5622A CLARE-CPC5622A Datasheet
728Kb / 18P
LITELINK짰 III Phone Line Interface IC (DAA)
CPC5622ATR CLARE-CPC5622ATR Datasheet
728Kb / 18P
LITELINK짰 III Phone Line Interface IC (DAA)
More results

Similar Description - CPC5622

ManufacturerPart #DatasheetDescription
logo
Clare, Inc.
CPC5620 CLARE-CPC5620 Datasheet
786Kb / 18P
LITELINK III Phone Line Interface IC (DAA)
CPC5710N CLARE-CPC5710N Datasheet
304Kb / 9P
Phone Line Monitor (PLM) IC
logo
fujitsu semiconductor
MB4752A FUJITSU-MB4752A Datasheet
652Kb / 11P
SUBSCRIBER LINE INTERFACE IC
logo
Agilent(Hewlett-Packard...
HCPL-810J HP-HCPL-810J Datasheet
320Kb / 16P
PLC Powerline DAA IC
logo
Sharp Corporation
IR3N81A SHARP-IR3N81A Datasheet
358Kb / 10P
Speaker Phone IC
logo
Clare, Inc.
CPC5620 CLARE-CPC5620_1 Datasheet
725Kb / 17P
LITELINK짰 III Phone Line Interface IC (DAA)
CPC5622 CLARE-CPC5622 Datasheet
728Kb / 18P
LITELINK짰 III Phone Line Interface IC (DAA)
CPC5710N CLARE-CPC5710N_1 Datasheet
361Kb / 10P
Phone Line Monitor (PLM) IC
logo
Superworld Electronics
W6420F-701K-F10 SUPERWORLD-W6420F-701K-F10 Datasheet
205Kb / 8P
PHONE LINE FILTER
W1225F-492J SUPERWORLD-W1225F-492J Datasheet
277Kb / 8P
PHONE LINE FILTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com