Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CPC5622 Datasheet(PDF) 13 Page - IXYS Corporation

Part # CPC5622
Description  Phone Line Interface IC (DAA)
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

CPC5622 Datasheet(HTML) 13 Page - IXYS Corporation

Back Button CPC5622 Datasheet HTML 9Page - IXYS Corporation CPC5622 Datasheet HTML 10Page - IXYS Corporation CPC5622 Datasheet HTML 11Page - IXYS Corporation CPC5622 Datasheet HTML 12Page - IXYS Corporation CPC5622 Datasheet HTML 13Page - IXYS Corporation CPC5622 Datasheet HTML 14Page - IXYS Corporation CPC5622 Datasheet HTML 15Page - IXYS Corporation CPC5622 Datasheet HTML 16Page - IXYS Corporation CPC5622 Datasheet HTML 17Page - IXYS Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 18 page
background image
INTEGRATED CIRCUITS DIVISION
CPC5622
R03
www.ixysic.com
13
Figure 5. Differential and Single-ended Transmit
Path Connections to LITELINK
3.4 Initialization Requirement
Following Power-up
OH must be de-asserted (set logic high) once after
power-up for at least 50ms to transfer internal gain
trim values within LITELINK. This would be normal
operation in most applications. Failure to comply with
this requirement will result in transmission gain errors
and possibly distortion.
3.5 DC Characteristics
The CPC5622 is designed for worldwide applications.
Modification of the values of the components at the
ZDC, DCS1, and DCS2 pins allow for control of the VI
slope characteristics of LITELINK. Selecting
appropriate resistor values for RZDC (R16) and
RDCS2 (R15) in the provided application circuits
enable compliance with various DC requirements.
3.5.1 Setting a Current Limit
LITELINK includes a telephone line current limit
feature that is selectable by choosing the desired
value for RZDC (R16) using the following formula:
IXYS Integrated Circuits Division recommends using
8.2
 for R
ZDC for most applications, limiting
telephone line current to 130 mA.
Whether using the recommended value above or
when setting RZDC higher for a lower loop current limit
refer to the guidelines for FET thermal management
provided in AN-146, Guidelines for Effective
LITELINK Designs.
3.6 AC Characteristics
3.6.1 Resistive Termination Applications
North American and Japanese telephone line AC
termination requirements are met with a resistive
600
 ac 2-wire termination. For these applications
LITELINK’s 2-wire network termination impedance is
set by the resistor RZNT (R10) located at the ZNT pin,
pin 29, with a value of 301
.
3.6.2 Reactive Termination Applications
Many countries use a single-pole complex impedance
to model the telephone network transmission line
characteristic impedance as shown in the table below.
Proper gain and termination impedance circuits for a
complex impedance requires the use of complex
network on ZNT as shown in the “Reactive Termination
Application Circuit” on page 8.
3.6.3 Mode Pin Usage
Asserting the MODE pin low (MODE = 0) introduces a
7 dB pad into the transmit path and adds 7 dB of gain
to the receive path. These changes compensate for
the gain changes made to the transmit and receive
paths necessary for reactive termination
implementations. Overall insertion loss with the
reactive termination application circuit and MODE
asserted is 0 dB.
Overall insertion loss with MODE de-asserted
(MODE = 1) for the resistive termination application
circuit is 0 dB.
LITELINK
LITELINK
TXA1
TXA2
-
+
0.1μf
0.1μf
Low-Voltage Side CODEC or
Transmit Circuit
Low-Voltage Side CODEC or
Transmit Circuit
TX-
TX+
TXA1
-
+
0.1μf
TX-
TX+
N/C
ICLAmps
1V
RZDC
------------- 0.008A
+
=
Line Impedance Model
Australia
China
TBR 21
RS
220
200
270
RP
820
680
750
CP
120 nF
100 nF
150 nF
R
S
R
P
C
P



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com