Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DP83950B Datasheet(PDF) 49 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # DP83950B
Description  RIC??Repeater Interface Controller
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DP83950B Datasheet(HTML) 49 Page - National Semiconductor (TI)

Back Button DP83950B Datasheet HTML 45Page - National Semiconductor (TI) DP83950B Datasheet HTML 46Page - National Semiconductor (TI) DP83950B Datasheet HTML 47Page - National Semiconductor (TI) DP83950B Datasheet HTML 48Page - National Semiconductor (TI) DP83950B Datasheet HTML 49Page - National Semiconductor (TI) DP83950B Datasheet HTML 50Page - National Semiconductor (TI) DP83950B Datasheet HTML 51Page - National Semiconductor (TI) DP83950B Datasheet HTML 52Page - National Semiconductor (TI) DP83950B Datasheet HTML 53Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 80 page
background image
60 Hub Management Support (Continued)
Packet Status Register 2
D7
D6
D5
D4
D3
D2
D1
D0
SE
OWC
NSFD
PLER
ELBER
JAB
CBT9
CBT8
Bit
Symbol
Description
D(10)
CT(98)
COLLISION TIMER BITS 9 AND 8
These two bits are the upper bits of the collision bit timer
D2
JAB
JABBER EVENT
This bit indicates that the receive packet was so long the repeater was forced to go into a
jabber protect condition
D3
ELBER
ELASTICITY BUFFER ERROR
During the packet an Elasticity Buffer underoverflow occurred
D4
PLER
PHASE LOCK LOOP ERROR
The packet suffered sufficient jitternoise corruption to cause the phase
lock loop decoder to lose lock
D5
NSFD
NON SFD
The repeated packet did not contain a Start of Frame Delimiter When this bit is set the Repeat
Byte Counter counts the length of the entire packet When this bit is not set the byte counter only counts
post SFD bytes
Note
The operation of this bit is not inhibited by the occurrence of a collision during packet repetition (see description of the
Repeat Byte Counter below)
D6
OWC
OUT OF WINDOW COLLISION
The packet suffered an out of window collision
D7
SE
SHORT EVENT
The receive activity was so small it met the criteria to be classed as a short event
The other registers comprise the remainder of the collision
timer register PSR(3)
the Repeat Byte Count registers
PSR(4) (5) and the Inter Frame Gap Counter ‘‘IFG’’ regis-
ter PSR(6)
Collision Bit Timer
The Collision Timer counts in bit times the time between the
start of repetition of the packet and the detection of the
packet’s first collision The Collision counter increments as
the packet is repeated and freezes when a collision occurs
The value in the counter is only valid when the collision bit
‘‘COL’’ in PSR(1) is set
Repeat Byte Counter
The Repeat Byte Counter is a 16 bit counter which can per-
form two functions In cases where the transmitted packet
possesses an SFD the byte counter counts the number of
received bytes after the SFD field Alternatively if no SFD is
repeated the counter reflects the length of the packet
counted in bytes starting at the beginning of the preamble
field When performing the latter function the counter is
shortened to 7 bits Thus the maximum count value is 127
bytes The mode of counting is indicated by the ‘‘NSFD’’ bit
in PSR(2)
In order to check if the received packet was
genuinely a Non-SFD packet the status of the COL bit
should be checked During collisions SFD fields may be lost
or created Management software should be robust to this
kind of behaviour
Inter Frame Gap (IFG) Bit Timer
The IFG counter counts in bit times the period in between
repeater transmissions The IFG counter increments when-
ever the RIC is not transmitting a packet If the IFG is long
ie
greater than 255 bits the counter sticks at this value
Thus an apparent count value of 255 should be interpreted
as 255 or more bit times
64 DESCRIPTION OF HARDWARE
CONNECTION FOR MANAGEMENT INTERFACE
The RIC has been designed so it may be connected to the
Management bus directly or via external bus transceivers
The latter is advantageous in large repeaters In this appli-
cation the system backplane is often heavily loaded beyond
the drive capabilities of the on-chip bus drivers
The uni-directional nature of information transfer on the
MCRS MRXD and MRXC signals means a single open
drain output pin is adequate for each of these signals The
Management Enable (MEN) RIC output pin performs the
function of a drive enable for an external bus transceiver if
one is required
In common with the Inter-RIC bus signals ACTN ANYXN
COLN and IRE the MCRS active level asserted by the
MCRS output is determined by the state of the BINV Mode
Load configuration bit
70 Port Block Functions
The RIC has 13 port logic blocks (one for each network
connection) In addition to the packet repetition operations
already described the port block performs two other func-
tions
1 The physical connection to the network segment (trans-
ceiver function)
2 It provides a means to protect the network from malfunc-
tioning segments (segment partition)
Each port has its own status register This register allows
the user to determine the current status of the port and
configure a number of port specific functions
49



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com