Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DP83950B Datasheet(PDF) 19 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # DP83950B
Description  RIC??Repeater Interface Controller
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DP83950B Datasheet(HTML) 19 Page - National Semiconductor (TI)

Back Button DP83950B Datasheet HTML 15Page - National Semiconductor (TI) DP83950B Datasheet HTML 16Page - National Semiconductor (TI) DP83950B Datasheet HTML 17Page - National Semiconductor (TI) DP83950B Datasheet HTML 18Page - National Semiconductor (TI) DP83950B Datasheet HTML 19Page - National Semiconductor (TI) DP83950B Datasheet HTML 20Page - National Semiconductor (TI) DP83950B Datasheet HTML 21Page - National Semiconductor (TI) DP83950B Datasheet HTML 22Page - National Semiconductor (TI) DP83950B Datasheet HTML 23Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 80 page
background image
30 Pin Descriptions (Continued)
Pin
Pin
Driver
IO
Description
No
Name
Type
PROCESSOR BUS PINS
RA0 – RA4
TT
I
R
EGISTER ADDRESS INPUTS These five pins are used to select a register to be read or
written The state of these inputs are ignored when the read write and mode load input strobes
are high (Even under these conditions these inputs must not be allowed to float at an
undefined logic state)
STR0
C
O
DISPLAY UPDATE STROBE 0
Maximum Display Mode
This signal controls the latching of display data for network ports 1
to 7 into the off chip display latches
Minimum Display Mode
This signal controls the latching of display data for the RIC into the
off chip display latch
During processor access cycles (read or write is asserted) this signal is inactive (high)
STR1
C
O
DISPLAY UPDATE STROBE 1
Maximum Display Mode
This signal controls the latching of display data for network ports 8
to 13 into the off chip display latches
Minimum Display Mode
No operation
During processor access cycles (read or write is asserted) this signal is inactive (high)
D0–D7
TT
B Z
D
ATA BUS
Display Update Cycles
These pins become outputs providing display data and port address
information Address information only available in Maximum Display mode
Processor Access Cycles
Data input or output is performed via these pins The read write
and mode load inputs control the direction of the signals
Note
The data pins remain in their display update function ie asserted as outputs unless either the read or
write strobe is asserted
BUFEN
CO
BUF
FER ENABLE This output controls the TRI-STATE operation of the bus transceiver
which provides the interface between the RIC’s data pins and the processor’s data bus
Note
The buffer enable output indicates the function of the data pins When it is high they are performing
display update cycles when it is low a processor access or mode load cycle is occurring
RDY
C
O
DATA READY STROBE The falling edge of this signal during a read cycle indicates that data
is stable and valid for sampling In write cycles the falling edge of RDY denotes that the write
data has been latched by the RIC Therefore data must have been available and stable for this
operation to be successful
ELI
CO
E
VENT LOGGING INTERRUPT A low level on the ELI output indicates the RIC’s hub
management logic requires CPU attention The interrupt is cleared by accessing the Port Event
Recording register or Event Counter that produced it All interrupt sources may be masked
RTI
CO
R
EAL TIME INTERRUPT A low level on the RTI output indicates the RIC’s real time (packet
specific) interrupt logic requires CPU attention The interrupt is cleared by reading the Real
Time Interrupt Status register All interrupt sources may be masked
CDEC
TT
I
C
OUNTER DECREMENT A low level on the CDEC input strobe decrements all of the RIC’s
Port Event Counters by one This input is internally synchronized and if necessary the
operation of the signal is delayed if there is a simultaneous internally generated counting
operation
WR
TT
I
WR
ITE STROBE Strobe from the CPU used to write an internal register defined by the
RA0 – RA4 inputs
RD
TT
I
R
EAD STROBE Strobe from the CPU used to read an internal register defined by the RA0 –
RA4 inputs
MLOAD
TT
I
DEVICE RESET AND MODE LOAD When this input is low all of the RIC’s state machines
counters and network ports are reset and held inactive On the rising edge of MLOAD the logic
levels present on the D0 – 7 pins and RA0 – RA4 inputs are latched into the RIC’s configuration
registers The rising edge of MLOAD also signals the beginning of the display test operation
19



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com