Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DP83950B Datasheet(PDF) 21 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # DP83950B
Description  RIC??Repeater Interface Controller
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DP83950B Datasheet(HTML) 21 Page - National Semiconductor (TI)

Back Button DP83950B Datasheet HTML 17Page - National Semiconductor (TI) DP83950B Datasheet HTML 18Page - National Semiconductor (TI) DP83950B Datasheet HTML 19Page - National Semiconductor (TI) DP83950B Datasheet HTML 20Page - National Semiconductor (TI) DP83950B Datasheet HTML 21Page - National Semiconductor (TI) DP83950B Datasheet HTML 22Page - National Semiconductor (TI) DP83950B Datasheet HTML 23Page - National Semiconductor (TI) DP83950B Datasheet HTML 24Page - National Semiconductor (TI) DP83950B Datasheet HTML 25Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 80 page
background image
30 Pin Descriptions (Continued)
Pin
Pin
Driver
IO
Description
No
Name
Type
MANAGEMENT BUS PINS
MRXC
TT
O Z
M
ANAGEMENT RECEIVE CLOCK When asserted this signal provides a clock signal for the
MRXD serial data stream The MRXD signal is changed on the falling edge of this clock The
signal is asserted when a RIC is receiving data from one of its network segements Otherwise the
signal is inactive
MCRS
TT
B Z
M
ANAGEMENT CARRIERSENSE When asserted this signal provides an activity framing
enable for the serial output data stream (MRXD) The signal is asserted when a RIC is receiving
data from one of its network segments Otherwise the signal is an input
MRXD
TT
O Z
M
ANAGEMENT RECEIVE DATA When asserted this signal provides a serial data stream in NRZ
format The data stream is made up of the data packet and RIC status information The signal is
asserted when a RIC is receiving data from one of its network segments Otherwise the signal is
inactive
MEN
C
O
M
ANAGEMENT BUS OUTPUT ENABLE This output acts as an active high enable for an
external bus transceiver (if required) for the MRXC MCRS and MRXD signals When high the bus
transceiver should be transmitting on to the bus
PCOMP
TT
I
P
ACKET COMPRESS This input is used to activate the RIC’s packet compress logic A low level
on this signal when MCRS is active will cause that packet to be compressed If PCOMP is tied
low all packets are compressed if PCOMP is tied high packet compression is inhibited
POWER AND GROUND PINS
VCC
Positive Supply
GND
Negative Supply
EXTERNAL DECODER PINS
RXM
TT
O
R
ECEIVE DATA MANCHESTER FORMAT This output makes the data in Manchester format
received by port N available for test purposes If not used for testing this pin should be left open
Note TT e TT
L compatible B e Bi-directional C e CMOS compatible OD e Open Drain I e Input O e Output Z e TRI-STATE
21



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com