Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DP83950B Datasheet(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # DP83950B
Description  RIC??Repeater Interface Controller
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DP83950B Datasheet(HTML) 1 Page - National Semiconductor (TI)

  DP83950B Datasheet HTML 1Page - National Semiconductor (TI) DP83950B Datasheet HTML 2Page - National Semiconductor (TI) DP83950B Datasheet HTML 3Page - National Semiconductor (TI) DP83950B Datasheet HTML 4Page - National Semiconductor (TI) DP83950B Datasheet HTML 5Page - National Semiconductor (TI) DP83950B Datasheet HTML 6Page - National Semiconductor (TI) DP83950B Datasheet HTML 7Page - National Semiconductor (TI) DP83950B Datasheet HTML 8Page - National Semiconductor (TI) DP83950B Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 80 page
background image
TLF11096
October 1995
DP83950B RIC
TM
Repeater Interface Controller
General Description
The DP83950B Repeater Interface Controller ‘‘RIC’’ may be
used to implement an IEEE 8023 multiport repeater unit It
fully satisfies the IEEE 8023 repeater specification including
the functions defined by the repeater segment partition and
jabber lockup protection state machines
The RIC has an on-chip phase-locked-loop (PLL) for Man-
chester data decoding a Manchester encoder and an Elas-
ticity Buffer for preamble regeneration
Each RIC can connect to 13 cable segments via its network
interface ports One port is fully AUI compatible and is able
to connect to an external MAU using the maximum length of
AUI cable The other 12 ports have integrated 10BASE-T
transceivers These transceiver functions may be bypassed
so that the RIC may be used with external transceivers for
example DP8392 coaxial transceivers In addition large re-
peater units containing several hundred ports may be con-
structed by cascading RICs together over an Inter-RIC bus
The RIC is configurable for specific applications It provides
port status information for LED array displays and a simple
interface for system processors The RIC posseses multi-
function counter and status flag arrays to facilitate network
statistics gathering A serial interface known as the Man-
agement Interface is available for the collection of data in
Managed Hub applications
Features
Y
Compliant with the IEEE 8023 Repeater Specification
Y
13 network connections (ports) per chip
Y
Selectable on-chip twisted-pair transceivers
Y
Cascadable for large hub applications
Y
Compatible with AUI compliant transceivers
Y
On-chip Elasticity Buffer Manchester encoder and de-
coder
Y
Separate partition state machines for each port
Y
Provides port status information for LED displays in-
cluding receive collision partition and link status
Y
Power-up configuration options
Repeater and Partition Specifications Transceiver Inter-
face Status Display Processor Operations
Y
Simple processor interface for repeater management
and port disable
Y
On-chip Event Counters and Event Flag Arrays
Y
Serial Management Interface to combine packet and
repeater status information together
Y
CMOS process for low power dissipation
Y
Single 5V supply
Table of Contents
10 SYSTEM DIAGRAM
20 CONNECTION DIAGRAM
30 PIN DESCRIPTIONS
40 BLOCK DIAGRAM
50 FUNCTIONAL DESCRIPTION
60 HUB MANAGEMENT SUPPORT
70 PORT LOGIC FUNCTIONS
80 RIC REGISTER DESCRIPTIONS
90 AC AND DC SPECIFICATIONS
100 AC TIMING TEST CONDITIONS
110 PHYSICAL DIMENSIONS
10 System Diagram
Simple RIC Hub
TLF11096 – 1
TRI-STATE
is a registered trademark of National Semiconductor Corporation
RICTM and SONICTM are trademarks of National Semiconductor Corporation
C1995 National Semiconductor Corporation
RRD-B30M16Printed in U S A


Similar Part No. - DP83950B

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
DP83950BVQB NSC-DP83950BVQB Datasheet
80Kb / 14P
REPEATER INTERFACE CONTROLLER
DP83950BVQB-MPC NSC-DP83950BVQB-MPC Datasheet
80Kb / 14P
REPEATER INTERFACE CONTROLLER
More results

Similar Description - DP83950B

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
DP83959 NSC-DP83959 Datasheet
283Kb / 38P
8-Port Lite Ethernet Repeater Interface Controller
logo
List of Unclassifed Man...
TC3097F-5 ETC-TC3097F-5 Datasheet
665Kb / 34P
LITE END MULTIPORT REPEATER INTERFACE CONTROLLER - OCF
TC3097-8 ETC-TC3097-8 Datasheet
641Kb / 36P
LITE END MULTIPORT REPEATER INTERFACE CONTROLLER
TC3097F-8 ETC-TC3097F-8 Datasheet
671Kb / 34P
LITE END MULTIPORT REPEATER INTERFACE CONTROLLER - OCF
logo
National Semiconductor ...
DP83952 NSC-DP83952 Datasheet
832Kb / 90P
Repeater Interface Controller with Security Features (RIC II)
DP83955A NSC-DP83955A Datasheet
655Kb / 54P
LitE Repeater Interface Controller
MNDP83950B-VQB NSC-MNDP83950B-VQB Datasheet
80Kb / 14P
REPEATER INTERFACE CONTROLLER
logo
List of Unclassifed Man...
TC3097-8 ETC2-TC3097-8 Datasheet
862Kb / 35P
Lite End Multiport Repeater Interface Controller
logo
Pepperl+Fuchs Inc.
VAR-G4F PF-VAR-G4F Datasheet
241Kb / 2P
AS-Interface repeater
2019-08-23
VAR-KE3-TERM PF-VAR-KE3-TERM Datasheet
256Kb / 2P
AS-Interface repeater
2019-08-23
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com