Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SE9021 Datasheet(PDF) 4 Page - Seaward Electronics Inc.

Part # SE9021
Description  Standalone Linear Lithium Battery Charger
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEAWARD [Seaward Electronics Inc.]
Direct Link  http://www.seawardinc.com
Logo SEAWARD - Seaward Electronics Inc.

SE9021 Datasheet(HTML) 4 Page - Seaward Electronics Inc.

  SE9021 Datasheet HTML 1Page - Seaward Electronics Inc. SE9021 Datasheet HTML 2Page - Seaward Electronics Inc. SE9021 Datasheet HTML 3Page - Seaward Electronics Inc. SE9021 Datasheet HTML 4Page - Seaward Electronics Inc. SE9021 Datasheet HTML 5Page - Seaward Electronics Inc. SE9021 Datasheet HTML 6Page - Seaward Electronics Inc. SE9021 Datasheet HTML 7Page - Seaward Electronics Inc. SE9021 Datasheet HTML 8Page - Seaward Electronics Inc.  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
Revision 11/2/2010
Preliminary and all contents are subject to change without prior notice
© Seaward Electronics Inc., 2007. • www.seawardinc.com.cn • Page 4
Absolute Maximum Rating
(1)
Parameter
Symbol
Value
Units
Input Supply Voltage
Vin
8
V
BAT Voltage
VBAT+
7
V
BAT Voltage
VBAT-
7
V
LED1/2/3/4
VLED
7
V
BAT Short-Circuit Duration
Continuous
Thermal Resistance, Junction-to-Ambient
ΘJA
100 (DIP-8)
°C/W
BAT Pin Current
IBAT
250
mA
LED1/2/3/4 Current
ILED
10
mA
Maximum Junction Temperature
TJ
125
°C
Storage Temperature
TS
-65 to +125
°C
Lead Temperature (Soldering, 10 sec)
300
°C
Operating Rating
(2)
Parameter
Symbol
Value
Units
Supply Input Voltage
VIN
+4.75 to +6
V
Junction Temperature
TJ
-40 to +85
°C
Electrical Characteristics
VIN = 5V; TJ = 25°C; unless otherwise specified.
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
Vin
Input Supply Voltage
4.75
6
V
VTerm
Regulated Output (Terminal)
Voltage
Vin=5V, IBAT = 50mA.
4.150
4.22
4.3
V
VFloat
Floating Voltage
Vin=5V, IBAT = 0. Note
#1.
0
V
IBAT
BAT Pin Current
Vin=5V,|Vbtp-Vbtn|<3.5V
250
mA
VShort
Short Circuit Protection Voltage
Vin=5V,|Vbtp-Vbtn| :3V to 0V
2.5
V
Vin=5V,|Vbtp-Vbtn|=3.5V, during
charging.
3
Hz
FOSC
Flashing Frequency
Vin=5V,|Vbtp-Vbtn|=3.5V, near 90%
charging completion.
6
Hz
Notes:
#1. When the battary disconnected to the charger, SE9020 disables the internal charging transistor. This will cause the Vbat to float to Vin.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com