Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SE9021 Datasheet(PDF) 5 Page - Seaward Electronics Inc.

Part # SE9021
Description  Standalone Linear Lithium Battery Charger
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEAWARD [Seaward Electronics Inc.]
Direct Link  http://www.seawardinc.com
Logo SEAWARD - Seaward Electronics Inc.

SE9021 Datasheet(HTML) 5 Page - Seaward Electronics Inc.

  SE9021 Datasheet HTML 1Page - Seaward Electronics Inc. SE9021 Datasheet HTML 2Page - Seaward Electronics Inc. SE9021 Datasheet HTML 3Page - Seaward Electronics Inc. SE9021 Datasheet HTML 4Page - Seaward Electronics Inc. SE9021 Datasheet HTML 5Page - Seaward Electronics Inc. SE9021 Datasheet HTML 6Page - Seaward Electronics Inc. SE9021 Datasheet HTML 7Page - Seaward Electronics Inc. SE9021 Datasheet HTML 8Page - Seaward Electronics Inc.  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
Revision 11/2/2010
Preliminary and all contents are subject to change without prior notice
© Seaward Electronics Inc., 2007. • www.seawardinc.com.cn • Page 5
Typical Operating Characteristics
Icharge Versus Vin
0
50
100
150
200
250
300
350
4
4.5
5
5.5
6
6.5
7
Vin/(V)
Vout Versus Vin
4.245
4.250
4.255
4.260
4.265
4.270
44.5
55.5
66.5
7
Vin/V
Pin Functions
Pin
Pin Function Description
Pin
Pin Function Description
Vin
P Positive Input Supply Voltage. Provides
power to the charger. Vin can range
from 4.75V to 6V and should be
bypassed with at least a 1
μF capacitor.
BAT-
Charge Current Output. Provides charge current to the battery and
regulates the final float voltage to 4.22V. SE9021 will automatically
identify the polarity so this pin can be connected to BAT+ also.
GND
LED4
LED4 is part of the Running Horse display during charging. When the
charging is near completion, about 90%, the flashing frequency would
be increased by about 2X . When the charging is completed, LED4 is
ON.
BAT+
Charge Current Output. Provides
charge current to the battery and
regulates the final float voltage to
4.22V. SE9021 will automatically
identify the polarity so this pin can be
connected to BAT- also.
LED1
LED1 has Dual Functions. It is used also as Battery connection
indicator, when the Battery is properly connected but the power is not
yet connected. When the Power is properly inserted, LED1 joins
LED2/3 as part of the Running Horse display. When the charging is
near completion, about 90%, the flashing frequency would be
increased by about 2X. When the charging is completed, LED1 is ON.
LED2
LED2 is part of the Running Horse
display during charging. When the
charging is near completion, about
90%, the flashing frequency would be
increased by about 2X. When the
charging is completed, LED2 is ON.
LED3
LED3 is part of the Running Horse display during charging. When the
charging is near completion, about 90%, the flashing frequency would
be increased by about 2X . When the charging is completed, LED3 is
ON.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com