Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SE9021 Datasheet(PDF) 1 Page - Seaward Electronics Inc.

Part # SE9021
Description  Standalone Linear Lithium Battery Charger
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEAWARD [Seaward Electronics Inc.]
Direct Link  http://www.seawardinc.com
Logo SEAWARD - Seaward Electronics Inc.

SE9021 Datasheet(HTML) 1 Page - Seaward Electronics Inc.

  SE9021 Datasheet HTML 1Page - Seaward Electronics Inc. SE9021 Datasheet HTML 2Page - Seaward Electronics Inc. SE9021 Datasheet HTML 3Page - Seaward Electronics Inc. SE9021 Datasheet HTML 4Page - Seaward Electronics Inc. SE9021 Datasheet HTML 5Page - Seaward Electronics Inc. SE9021 Datasheet HTML 6Page - Seaward Electronics Inc. SE9021 Datasheet HTML 7Page - Seaward Electronics Inc. SE9021 Datasheet HTML 8Page - Seaward Electronics Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
Revision 11/2/2010
Preliminary and all contents are subject to change without prior notice
© Seaward Electronics Inc., 2007. • www.seawardinc.com.cn • Page 1
Description
SE9021 is a complete Limit-current & constant
voltage charger for single cell Lithium-ion and
Lithium-Polymer batteries. Its COB package and low
external component count make SE9021 ideally
suited for Low Cost and portable applications.
Furthermore, the SE9021 is specifically designed to
work for Universal Travel Charger Applications.
SE9021 has a built-in detector that will
automatically detect the polarity of the inserted
battery and charge the battery at the correct polarity.
The max charging current is around 250mA, at the
start of the charging. This will minimize the charging
time. The target battery final voltage is fixed at 4.22V.
As the battery approaches 4.22V, SE9020 will
gradually
reduce
charging
current
to
avoid
overcharging,
which
might
result
in
battery
deformation
or
even
explosion.
The
SE9021
automatically terminates the charge cycle when the
charge current drops to 30mA after the final target
voltage is reached.
To reduce power consumption and minimize
heat dissipation requirements, SE9021 is designed to
provide up to 250mA charging current at Vin=5V. This
reduces the power consumption to about 50% when
compared to other IC’s. As further insurance, SE9021
is equipped with Over-Temperature-Protection. This
makes sure that SE9021 is the only safe IC to be
used in lower power and low cost COB package.
When the input supply is removed, the SE9021
automatically enters a low current stage, or Green
Mode operation, dropping the battery drain current to
less than 7uA.
The SE9021 can be put into
shutdown mode, reducing the supply current to 30uA.
SE9021 supports various LED display options,
as outlined in the Application section below.
SE9021 is available in COB SOP8 and DIP8
options.
Application
Universal Travel Charger (AUC)
4 LED Waterfall Display Option
3 LED Running Display Option
2 LED Flashing Display Option
1 LED Simple Display Option
Features
Automatically Identifies the polarity of the battery
Typical-Current to 250mA
Scalable for higher charging currents, such as
Dual-Core for 500mA, Tri-Core for 750mA, and
Quad-Core for 1A charging currents.
Short-Circuit Protection
Low external component
Build in high precision reference voltage
Preset 4.22V Charge Voltage with ±50mV
Accuracy.
20uA Supply Current in Shutdown.
Support Standalone Battery Charger.
Support various LED Display schemes.
Available in DIP-8 and COB Packages.
Pin Configuration
COB


Similar Part No. - SE9021

ManufacturerPart #DatasheetDescription
logo
Seaward Electronics Inc...
SE9020C SEAWARD-SE9020C Datasheet
310Kb / 8P
Standalone Linear Lithium Battery Charger
SE9020 SEAWARD-SE9020_10 Datasheet
362Kb / 9P
Standalone Linear Lithium Battery Charger
SE9022 SEAWARD-SE9022 Datasheet
353Kb / 7P
Standalone Linear Lithium Battery Charger
SE9025 SEAWARD-SE9025 Datasheet
516Kb / 7P
SE9025??툜?ⓧ맏訝뉓꺗?끿뵷?②?溫←쉪
More results

Similar Description - SE9021

ManufacturerPart #DatasheetDescription
logo
Seaward Electronics Inc...
SE9016 SEAWARD-SE9016 Datasheet
312Kb / 8P
Standalone Linear Lithium Battery Charger
SE9020C SEAWARD-SE9020C Datasheet
310Kb / 8P
Standalone Linear Lithium Battery Charger
SE9017 SEAWARD-SE9017 Datasheet
408Kb / 11P
Standalone Linear Lithium Battery Charger
SE9016 SEAWARD-SE9016_12 Datasheet
436Kb / 10P
Standalone Linear Lithium Battery Charger
SE9017_0912 SEAWARD-SE9017_0912 Datasheet
409Kb / 11P
Standalone Linear Lithium Battery Charger
SE9020 SEAWARD-SE9020_10 Datasheet
362Kb / 9P
Standalone Linear Lithium Battery Charger
SE9022 SEAWARD-SE9022 Datasheet
353Kb / 7P
Standalone Linear Lithium Battery Charger
logo
List of Unclassifed Man...
EC49016 ETC2-EC49016 Datasheet
175Kb / 8P
Standalone Linear Lithium Battery Charger
logo
E-CMOS Corporation
EC49017 E-CMOS-EC49017 Datasheet
387Kb / 11P
Standalone Linear Lithium Battery Charger
logo
SHOUDING Shouding Semic...
SD8017 SHOUDING-SD8017 Datasheet
1Mb / 9P
Standalone Linear Lithium Battery Charger
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com