Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SE9021 Datasheet(PDF) 2 Page - Seaward Electronics Inc.

Part # SE9021
Description  Standalone Linear Lithium Battery Charger
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEAWARD [Seaward Electronics Inc.]
Direct Link  http://www.seawardinc.com
Logo SEAWARD - Seaward Electronics Inc.

SE9021 Datasheet(HTML) 2 Page - Seaward Electronics Inc.

  SE9021 Datasheet HTML 1Page - Seaward Electronics Inc. SE9021 Datasheet HTML 2Page - Seaward Electronics Inc. SE9021 Datasheet HTML 3Page - Seaward Electronics Inc. SE9021 Datasheet HTML 4Page - Seaward Electronics Inc. SE9021 Datasheet HTML 5Page - Seaward Electronics Inc. SE9021 Datasheet HTML 6Page - Seaward Electronics Inc. SE9021 Datasheet HTML 7Page - Seaward Electronics Inc. SE9021 Datasheet HTML 8Page - Seaward Electronics Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
Revision 11/2/2010
Preliminary and all contents are subject to change without prior notice
© Seaward Electronics Inc., 2007. • www.seawardinc.com.cn • Page 2
Pin Configuration
Application Diagram
Figure 1
Waterfall
circuit
Figure 2
Running Horse circuit
LED1
RED
LED2
Green
LED3
Blue
R2
1K
R3
1K
R1
1K
Bat-
Bat+
Vcc
GND
C1
220uF
4.75V ~ 6V
LED4
Yellow
R4
1K
LED1
RED
LED2
Green
LED3
Blue
R2
1K
R3
1K
R1
1K
Bat-
Bat+
Vcc
GND
C1
220uF
4.75V ~ 6V
SE9021 COB
SE9021 COB
Function Description:
#1. When Battery is inserted, LED1 is ON. #2.
During Charging, LED1/2/3/4 turns ON in
sequential order. #3. When charging is completed,
all LED1/2/3/4 are ON.
Function Description:
#1. When Battery is inserted, LED1 is ON. #2.
During Charging, LED1/2/3 turns ON in sequential
order. #3. When charging is completed, all
LED1/2/3 are ON.
Figure 1
Flashing
circuit
Figure 2
Single LED circuit
LED1
RED
LED2
Green
R2
1K
R1
1K
Bat-
Bat+
Vcc
GND
C1
220uF
4.75V ~ 6V
LED1
RED
R1
1K
Bat-
Bat+
Vcc
GND
C1
220uF
4.75V ~ 6V



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com