Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM26LVCISD-080/NOPB Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # LM26LVCISD-080/NOPB
Description  1.6 V, WSON-6 Factory Preset Temperature Switch and Temperature Sensor
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM26LVCISD-080/NOPB Datasheet(HTML) 7 Page - Texas Instruments

Back Button LM26LVCISD-080/NOPB Datasheet HTML 3Page - Texas Instruments LM26LVCISD-080/NOPB Datasheet HTML 4Page - Texas Instruments LM26LVCISD-080/NOPB Datasheet HTML 5Page - Texas Instruments LM26LVCISD-080/NOPB Datasheet HTML 6Page - Texas Instruments LM26LVCISD-080/NOPB Datasheet HTML 7Page - Texas Instruments LM26LVCISD-080/NOPB Datasheet HTML 8Page - Texas Instruments LM26LVCISD-080/NOPB Datasheet HTML 9Page - Texas Instruments LM26LVCISD-080/NOPB Datasheet HTML 10Page - Texas Instruments LM26LVCISD-080/NOPB Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 33 page
background image
LM26LV
www.ti.com
SNIS144F – JULY 2007 – REVISED FEBRUARY 2013
Electrical Characteristics
Unless otherwise noted, these specifications apply for +VDD = +1.6V to +5.5V. Boldface limits apply for TA = TJ = TMIN to
TMAX ; all other limits TA = TJ = 25°C.
Units
Symbol
Parameter
Conditions
Typical(1)
Limits(2)
(Limit)
GENERAL SPECIFICATIONS
Quiescent Power Supply
IS
8
16
μA (max)
Current
5.5
°C (max)
Hysteresis
5
4.5
°C (min)
OVERTEMP DIGITAL OUTPUT
ACTIVE HIGH, PUSH-PULL
VDD ≥ 1.6V
Source
≤ 340 μA
VDD ≥ 2.0V
Source
≤ 498 μA
VDD − 0.2V
V (min)
VDD ≥ 3.3V
Source
≤ 780 μA
VOH
Logic "1" Output Voltage
VDD ≥ 1.6V
Source
≤ 600 μA
VDD ≥ 2.0V
Source
≤ 980 μA
VDD − 0.45V
V (min)
VDD ≥ 3.3V
Source
≤ 1.6 mA
BOTH OVERTEMP and OVERTEMP DIGITAL OUTPUTS
VDD ≥ 1.6V
Sink
≤ 385 μA
VDD ≥ 2.0V
Sink
≤ 500 μA
0.2
VDD ≥ 3.3V
Sink
≤ 730 μA
VOL
Logic "0" Output Voltage
V (max)
VDD ≥ 1.6V
Sink
≤ 690 μA
VDD ≥ 2.0V
Sink
≤ 1.05 mA
0.45
VDD ≥ 3.3V
Sink
≤ 1.62 mA
OVERTEMP DIGITAL OUTPUT
ACTIVE LOW, OPEN DRAIN
TA = 30 °C
0.001
Logic "1" Output Leakage
IOH
1
μA (max)
Current(3)
TA = 150 °C
0.025
VTEMP ANALOG TEMPERATURE SENSOR OUTPUT
Gain 1: If Trip Point = 0 - 69°C
−5.1
mV/°C
Gain 2: If Trip Point = 70 - 109°C
−7.7
mV/°C
VTEMP Sensor Gain
Gain 3: If Trip Point = 110 - 129°C
−10.3
mV/°C
Gain 4: If Trip Point = 130 - 150°C
−12.8
mV/°C
Source
≤ 90 μA
−0.1
−1
mV (max)
(VDD − VTEMP) ≥ 200 mV
1.6V
≤ VDD < 1.8V
Sink
≤ 100 μA
0.1
1
mV (max)
VTEMP ≥ 260 mV
VTEMP Load Regulation
(4)
Source
≤ 120 μA
−0.1
−1
mV (max)
(VDD − VTEMP) ≥ 200 mV
VDD ≥ 1.8V
Sink
≤ 200 μA
0.1
1
mV (max)
VTEMP ≥ 260 mV
Source or Sink = 100
μA
1
Ω
0.29
mV
VDD Supply- to-VTEMP
VDD = +1.6V to +5.5V
74
μV/V
DC Line Regulation(5)
−82
dB
VTEMP Output Load
CL
Without series resistor. See CAPACITIVE LOADS
1100
pF (max)
Capacitance
(1)
Typicals are at TJ = TA = 25°C and represent most likely parametric norm.
(2)
Limits are guaranteed to TI's AOQL (Average Outgoing Quality Level).
(3)
The 1µA limit is based on a testing limitation and does not reflect the actual performance of the part. Expect to see a doubling of the
current for every 15°C increase in temperature. For example, the 1nA typical current at 25°C would increase to 16nA at 85°C.
(4)
Source currents are flowing out of the LM26LV/LM26LV-Q1. Sink currents are flowing into the LM26LV/LM26LV-Q1.
(5)
Line regulation (DC) is calculated by subtracting the output voltage at the highest supply voltage from the output voltage at the lowest
supply voltage. The typical DC line regulation specification does not include the output voltage shift discussed in Section 4.3.
Copyright © 2007–2013, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Links: LM26LV



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com