Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM26LVCISD-080/NOPB Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # LM26LVCISD-080/NOPB
Description  1.6 V, WSON-6 Factory Preset Temperature Switch and Temperature Sensor
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM26LVCISD-080/NOPB Datasheet(HTML) 11 Page - Texas Instruments

Back Button LM26LVCISD-080/NOPB Datasheet HTML 7Page - Texas Instruments LM26LVCISD-080/NOPB Datasheet HTML 8Page - Texas Instruments LM26LVCISD-080/NOPB Datasheet HTML 9Page - Texas Instruments LM26LVCISD-080/NOPB Datasheet HTML 10Page - Texas Instruments LM26LVCISD-080/NOPB Datasheet HTML 11Page - Texas Instruments LM26LVCISD-080/NOPB Datasheet HTML 12Page - Texas Instruments LM26LVCISD-080/NOPB Datasheet HTML 13Page - Texas Instruments LM26LVCISD-080/NOPB Datasheet HTML 14Page - Texas Instruments LM26LVCISD-080/NOPB Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 33 page
background image
LM26LV
www.ti.com
SNIS144F – JULY 2007 – REVISED FEBRUARY 2013
Typical Performance Characteristics (continued)
VTEMP Supply-Noise Rejection
Line Regulation
vs.
VTEMP vs. Supply Voltage
Frequency
Gain 1: For Trip Points 0 - 69°C
Figure 16.
Figure 17.
Line Regulation VTEMP vs. Supply Voltage
Line Regulation VTEMP vs. Supply Voltage
Gain 2: For Trip Points 70 - 109°C
Gain 3: For Trip Points 110 - 129°C
Figure 18.
Figure 19.
Line Regulation VTEMP vs. Supply Voltage
Gain 4: For Trip Points 130 - 150°C
Figure 20.
Copyright © 2007–2013, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Links: LM26LV



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com