Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM26LVCISD-080/NOPB Datasheet(PDF) 13 Page - Texas Instruments

Click here to check the latest version.
Part # LM26LVCISD-080/NOPB
Description  1.6 V, WSON-6 Factory Preset Temperature Switch and Temperature Sensor
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM26LVCISD-080/NOPB Datasheet(HTML) 13 Page - Texas Instruments

Back Button LM26LVCISD-080/NOPB Datasheet HTML 9Page - Texas Instruments LM26LVCISD-080/NOPB Datasheet HTML 10Page - Texas Instruments LM26LVCISD-080/NOPB Datasheet HTML 11Page - Texas Instruments LM26LVCISD-080/NOPB Datasheet HTML 12Page - Texas Instruments LM26LVCISD-080/NOPB Datasheet HTML 13Page - Texas Instruments LM26LVCISD-080/NOPB Datasheet HTML 14Page - Texas Instruments LM26LVCISD-080/NOPB Datasheet HTML 15Page - Texas Instruments LM26LVCISD-080/NOPB Datasheet HTML 16Page - Texas Instruments LM26LVCISD-080/NOPB Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 33 page
background image
LM26LV
www.ti.com
SNIS144F – JULY 2007 – REVISED FEBRUARY 2013
Table 1. VTEMP Temperature Sensor Output Voltage vs Die Temperature Conversion Table
(1) (continued)
VTEMP, Analog Output Voltage, mV
Die Temp.,
Gain 1: for
Gain 2: for
Gain 3: for
Gain 4: for
°C
TTRIP = 0-69°C
TTRIP = 70-109°C
TTRIP = 110-129°C
TTRIP = 130-150°C
−16
1142
1712
2283
2853
−15
1137
1705
2272
2841
−14
1132
1697
2262
2828
−13
1127
1690
2252
2815
−12
1122
1682
2242
2803
−11
1116
1674
2232
2790
−10
1111
1667
2222
2777
−9
1106
1659
2212
2765
−8
1101
1652
2202
2752
−7
1096
1644
2192
2740
−6
1091
1637
2182
2727
−5
1086
1629
2171
2714
−4
1081
1621
2161
2702
−3
1076
1614
2151
2689
−2
1071
1606
2141
2676
−1
1066
1599
2131
2664
0
1061
1591
2121
2651
1
1056
1583
2111
2638
2
1051
1576
2101
2626
3
1046
1568
2090
2613
4
1041
1561
2080
2600
5
1035
1553
2070
2587
6
1030
1545
2060
2575
7
1025
1538
2050
2562
8
1020
1530
2040
2549
9
1015
1522
2029
2537
10
1010
1515
2019
2524
11
1005
1507
2009
2511
12
1000
1499
1999
2498
13
995
1492
1989
2486
14
990
1484
1978
2473
15
985
1477
1968
2460
16
980
1469
1958
2447
17
974
1461
1948
2435
18
969
1454
1938
2422
19
964
1446
1927
2409
20
959
1438
1917
2396
21
954
1431
1907
2383
22
949
1423
1897
2371
23
944
1415
1886
2358
24
939
1407
1876
2345
25
934
1400
1866
2332
26
928
1392
1856
2319
27
923
1384
1845
2307
28
918
1377
1835
2294
29
913
1369
1825
2281
Copyright © 2007–2013, Texas Instruments Incorporated
Submit Documentation Feedback
13
Product Folder Links: LM26LV



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com