Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM26LVCISD-080/NOPB Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Part # LM26LVCISD-080/NOPB
Description  1.6 V, WSON-6 Factory Preset Temperature Switch and Temperature Sensor
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM26LVCISD-080/NOPB Datasheet(HTML) 10 Page - Texas Instruments

Back Button LM26LVCISD-080/NOPB Datasheet HTML 6Page - Texas Instruments LM26LVCISD-080/NOPB Datasheet HTML 7Page - Texas Instruments LM26LVCISD-080/NOPB Datasheet HTML 8Page - Texas Instruments LM26LVCISD-080/NOPB Datasheet HTML 9Page - Texas Instruments LM26LVCISD-080/NOPB Datasheet HTML 10Page - Texas Instruments LM26LVCISD-080/NOPB Datasheet HTML 11Page - Texas Instruments LM26LVCISD-080/NOPB Datasheet HTML 12Page - Texas Instruments LM26LVCISD-080/NOPB Datasheet HTML 13Page - Texas Instruments LM26LVCISD-080/NOPB Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 33 page
background image
LM26LV
SNIS144F – JULY 2007 – REVISED FEBRUARY 2013
www.ti.com
Typical Performance Characteristics (continued)
Load Regulation, 1.72V Overhead
Load Regulation, 400 mV Overhead
T = 150°C, VDD = 2.4V
T = 80°C Sourcing Current(1)
Sourcing Current(1)
Figure 10.
Figure 11.
Load Regulation, VDD = 1.6V
Load Regulation, VDD = 1.8V
Sinking Current(2)
Sinking Current(2)
Figure 12.
Figure 13.
Change in VTEMP
Load Regulation, VDD = 2.4V
vs.
Sinking Current(3)
Overhead Voltage
Figure 14.
Figure 15.
(2)
The curves shown represent typical performance under worst-case conditions. Performance improves with larger VTEMP, larger VDD and
lower temperatures.
(3)
The curves shown represent typical performance under worst-case conditions. Performance improves with larger VTEMP, larger VDD and
lower temperatures.
10
Submit Documentation Feedback
Copyright © 2007–2013, Texas Instruments Incorporated
Product Folder Links: LM26LV



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com