Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DP83959 Datasheet(PDF) 13 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # DP83959
Description  8-Port Lite Ethernet Repeater Interface Controller
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DP83959 Datasheet(HTML) 13 Page - National Semiconductor (TI)

Back Button DP83959 Datasheet HTML 9Page - National Semiconductor (TI) DP83959 Datasheet HTML 10Page - National Semiconductor (TI) DP83959 Datasheet HTML 11Page - National Semiconductor (TI) DP83959 Datasheet HTML 12Page - National Semiconductor (TI) DP83959 Datasheet HTML 13Page - National Semiconductor (TI) DP83959 Datasheet HTML 14Page - National Semiconductor (TI) DP83959 Datasheet HTML 15Page - National Semiconductor (TI) DP83959 Datasheet HTML 16Page - National Semiconductor (TI) DP83959 Datasheet HTML 17Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 38 page
background image
13
4.0
Pin Descriptions (Continued)
www.national.com
4.8
POWER AND GROUND PINS
The LERIC8 has power and ground (VCC and GND) pins for
each of the major functional blocks of the device. This sec-
tion describes the pairing and decoupling requirements of
the power and ground pins.
4.8.1
Bi-Color LED Power and Ground Pins
These are labeled VCC_LED and GND_LED and are adja-
cent to each other in the following pairs:
Each pair of VCC_LED/GND_LED pins supplies source and
sink current for either 3 or 4 bi-color LED drivers. These
power and ground pins should be decoupled with 0.1
µF ca-
pacitors to reduce noise.
Special Considerations Regarding Icc
Since the drivers source the current required to turn on the
LEDs, the total Icc required by the device will fluctuate de-
pending on network traffic conditions. This should be taken
into consideration when calculating the power requirements
of the system.
4.8.2
Single LED Ground Pins
These are labeled GND_LED and are interspersed amongst
the single LED output driver pins which only have to sink
current to ground. These pins are:
4.8.3
PLL Power and Ground Pins
The LERIC8's receive PLL supply pins (VCC_PLL pin 64 and
GND_PLL pin 65) should be filtered from noise on the nor-
mal +5V VCC supply. The recommended method is with a
10
µF capacitor in parallel with a 0.01µF capacitor and fed
from VCC via a 22Ω resistor as shown in Figure 1.
4.8.4
AUI and 10BASE-T Port Power and Ground
Pins
The AUI port and eight 10BASE-T ports each have their own
power and ground pair. These should be decoupled with a
0.1
µF capacitor per pair as close to the power/ground pins
as possible.
The AUI and 10BASE-T port power and ground designa-
tions are:
4.8.5
Analog Power and Ground Pins
The transmit wave shaping analog circuitry of the LERIC8
has its own power and ground pair:
This pair should be decoupled with a 10
µF capacitor as
close as possible to the pins. The power and ground feed to
these pins should be kept as quiet as possible.
4.8.6
Crystal Oscillator Power and Ground Pins
The crystal oscillator has its own power and ground pins
(VCC_OSC pin 141 and GND_OSC pin 140). This pair
should be kept relatively noise free and decoupled with a
0.1
µF capacitor as close to the pins as possible.
4.8.7
Digital Power and Ground Pins
The DP83959's digital core logic power supply pins should
be decoupled in pairs with 0.1
µF capacitors as close to the
pins as possible. The digital power and ground pin pairs are
as follows:
VCC/GND_LED 7/8
VCC/GND_LED 15/16
VCC/GND_LED
23/24
GND_LED
148, 153 and 157
Figure 1.
DP83959 PLL Power Supply Decoupling
+
22Ω
10µ
F
0.01µF
VDD_PLL
GND_PLL
DP83959
LERIC8
VDD
GND
65
64
Port
Power/Ground Names Pin Numbers
AUI
VCC_AUI
GND_AUI
67
66
10BASE-T Port 1
VCC_P1
GND_P1
137
136
10BASE-T Port 2
VCC_P2
GND_P2
130
131
10BASE-T Port 3
VCC_P3
GND_P3
125
124
10BASE-T Port 4
VCC_P4
GND_P4
115
116
10BASE-T Port 5
VCC_P5
GND_P5
98
97
10BASE-T Port 6
VCC_P6
GND_P6
91
92
10BASE-T Port 7
VCC_P7
GND_P7
86
85
10BASE-T Port 8
VCC_P8
GND_P8
76
77
VCC_ANLG
pin 109
GND_ANLG
pin 110
VCC
GND
-3
34
35
46
47
58
57
106
105
146
147



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com