Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DP83959 Datasheet(PDF) 17 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # DP83959
Description  8-Port Lite Ethernet Repeater Interface Controller
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DP83959 Datasheet(HTML) 17 Page - National Semiconductor (TI)

Back Button DP83959 Datasheet HTML 13Page - National Semiconductor (TI) DP83959 Datasheet HTML 14Page - National Semiconductor (TI) DP83959 Datasheet HTML 15Page - National Semiconductor (TI) DP83959 Datasheet HTML 16Page - National Semiconductor (TI) DP83959 Datasheet HTML 17Page - National Semiconductor (TI) DP83959 Datasheet HTML 18Page - National Semiconductor (TI) DP83959 Datasheet HTML 19Page - National Semiconductor (TI) DP83959 Datasheet HTML 20Page - National Semiconductor (TI) DP83959 Datasheet HTML 21Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 38 page
background image
17
5.0
Functional Description (Continued)
www.national.com
Figure 5.
DP83959 Direct Drive LED Connections
P/L_1A
P/L_1B
G
R
G
R
G
R
G
R
G
R
G
R
G
R
G
R
P/L_2A
P/L_2B
P/L_3A
P/L_3B
P/L_4A
P/L_4B
P/L_5A
P/L_5B
P/L_6A
P/L_6B
P/L_7A
P/L_7B
P/L_8A
P/L_8B
270
Ω (typ.)
270
Ω (typ.)
270
Ω (typ.)
270
Ω (typ.)
270
Ω (typ.)
270
Ω (typ.)
270
Ω (typ.)
270
Ω (typ.)
270
Ω (typ.)
270
Ω (typ.)
270
Ω (typ.)
+5V
/TRAF1
/TRAF2
/TRAF3
/TRAF4
/TRAF5
/TRAF6
/TRAF7
/TRAF8
/PART0
/GCOL
/GACT
DP83959
LERIC8
270
Ω (typ.)
/ALERT
135
Ω (typ.)
135
Ω (typ.)
135
Ω (typ.)
135
Ω (typ.)
135
Ω (typ.)
135
Ω (typ.)
135
Ω (typ.)
135
Ω (typ.)
135
Ω (typ.)
135
Ω (typ.)
135
Ω (typ.)
135
Ω (typ.)
135
Ω (typ.)
135
Ω (typ.)
135
Ω (typ.)
135
Ω (typ.)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com