Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DP83959 Datasheet(PDF) 21 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # DP83959
Description  8-Port Lite Ethernet Repeater Interface Controller
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DP83959 Datasheet(HTML) 21 Page - National Semiconductor (TI)

Back Button DP83959 Datasheet HTML 17Page - National Semiconductor (TI) DP83959 Datasheet HTML 18Page - National Semiconductor (TI) DP83959 Datasheet HTML 19Page - National Semiconductor (TI) DP83959 Datasheet HTML 20Page - National Semiconductor (TI) DP83959 Datasheet HTML 21Page - National Semiconductor (TI) DP83959 Datasheet HTML 22Page - National Semiconductor (TI) DP83959 Datasheet HTML 23Page - National Semiconductor (TI) DP83959 Datasheet HTML 24Page - National Semiconductor (TI) DP83959 Datasheet HTML 25Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 38 page
background image
21
5.0
Functional Description (Continued)
www.national.com
Figure 8.
Typical AUI Port Connection
Figure 9.
Typical 10BASE-T Port Connection
DP83959
LERIC8
TX0+
TX0-
RX0+
RX0-
CD0+
CD0-
1:1
1:1
1:1
CI-A
CI-B
DI-B
DI-A
DO-A
DO-B
3
10
5
12
2
9
0.01µF
0.01µF
Chassis
11
4
1
6
14
8
DO-S
Vc
VS
DI-S
CO-S
7
15
CO-A
CO-B
CI-S
+12V
VP
13
Fuse
100pF
0.1µF
39.2
Ω ±1%
39.2
Ω ±1%
39.2
Ω ±1%
39.2
Ω ±1%
DP83959
LERIC8
1:1
0.01µF
49.9
Ω ±1%
49.9
Ω ±1%
1:2
* 13.5
Ω
* 13.5
Ω
TXn+
TXn-
RXn+
RXn-
RJ45
Connector
TD+
TD-
RD+
RD-
(Only 1 Port shown. All eight 10BASE-T ports are identical to this)
1
2
3
6
0.01µF
Optional
0.01µF
Optional
Common Mode
Choke (Optional)
Transformer
Module
* 820pF
* 820pF
* Starting point values - will need to be
adjusted depending on layout, transformer
module and other application variations.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com