Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DP83959 Datasheet(PDF) 18 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # DP83959
Description  8-Port Lite Ethernet Repeater Interface Controller
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DP83959 Datasheet(HTML) 18 Page - National Semiconductor (TI)

Back Button DP83959 Datasheet HTML 14Page - National Semiconductor (TI) DP83959 Datasheet HTML 15Page - National Semiconductor (TI) DP83959 Datasheet HTML 16Page - National Semiconductor (TI) DP83959 Datasheet HTML 17Page - National Semiconductor (TI) DP83959 Datasheet HTML 18Page - National Semiconductor (TI) DP83959 Datasheet HTML 19Page - National Semiconductor (TI) DP83959 Datasheet HTML 20Page - National Semiconductor (TI) DP83959 Datasheet HTML 21Page - National Semiconductor (TI) DP83959 Datasheet HTML 22Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 38 page
background image
18
5.0
Functional Description (Continued)
www.national.com
5.11
PORT STATUS LEDS
The eight 10BASE-T Port Partition Status/Link OK Status
bi-color LED outputs have the functionality given in Table 2.
The representational logic of this function is given in
Figure 6. This logic is repeated for each of the 10BASE-T
ports ('n' in Figure 6 refers to any of ports 1 through 8). The
DP83959 bi-color LED outputs use two pins each, so that ei-
ther end of a two-lead bi-color LED may be driven high or
low in order to achieve the required functionality. Two-lead
bi-color LEDs require only the addition of a single series cur-
rent limiting resistors. Three lead bi-color LEDs must be
driven with two series resistors (one in each cathode lead)
and the common anode lead taken to VCC.
If required, single LEDs may be driven by the bi-color out-
puts (each taken to VCC via an appropriate resistor).
Figure 5 shows one configuration, using bi-color LEDs.
5.12
CONFIGURATION/REGISTER INTERFACE
Several operational parameters can be configured into the
LERIC8 at power-on/reset time (optional mode) or the stan-
dard LERIC8 configuration can be used (default mode). Se-
lection of the mode is made using the DEF/OPT pin.
For default mode, the DEF/OPT pin must be pulled high (to
VCC) with a 4.7 kΩ resistor. In this mode, the LERIC8 uses
the default values given in Table 3.
For optional mode, the DEF/OPT pin must be pulled low. In
this mode, the rising edge of either the internal reset signal
or /MLOAD (see Section 5.9) is used to latch the logic levels
held on the D[3:0] and RA[4:0] inputs into the internal con-
figuration registers. Configuration data is set on the D[3:0]
and RA[4:0] pins using 10 k
Ω pull-up or pull-down resistors
as required. Table 3 shows the parameter sections possible.
A 10 k
Ω pull-up resistor to VCC is required to set a configu-
ration bit to 1. A 10 k
Ω pull-down resistor to GND to set a
configuration bit to 0.
The LERIC8 has internal registers that are accessible from
the RA[4:0] and D[3:0] interface. A certain amount of control
of operation and status information is available through this
interface. The LERIC8's registers are compatible with those
in the DP83955/6. A full description of the registers is given
in Section 6.0.
Although simple 8-port standalone hubs will not require the
register interface, it was nevertheless included as a neces-
sary factory test feature. In a simple repeater design the /RD
and /WR pins should be disabled by connecting them to
VCC directly or via a suitable pull-up resistor (4.7 k
Ω).
Since the RA[4:0] and D[3:0] interface is used for multiple
functions (configuration, register access and Min/Max LED
mode outputs) register read/write data must be transferred
using an external buffer.
The READY pin provides a means of handshaking register
accesses into the LERIC8. A simple programmable logic de-
vice (GAL) may be used to decode the address range, as-
sert the appropriate /RD or /WR strobe and check the
READY signal. This provides an appropriate interface for
whatever CPU or other device is connected.
Table 2
10BASE-T Port Status LED Output Functionality Using Bi-color LEDs
Link Status
Port Partition Status
LED
Not OK
Not Partitioned
OFF
Not OK
Partitioned
OFF
OK
Not Partitioned
Color #1 (usually GREEN)
OK
Partitioned
Color #2 (usually YELLOW or RED)
Figure 6.
10BASE-T Port Status LED Logic Function
P/L_nA
Port Partition Status (1 = Partitioned)
P/L_nB
Port Link Status (1 = Link OK)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com