Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DP8406 Datasheet(PDF) 3 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # DP8406
Description  32-Bit Parallel Error Detection and Correction Circuit
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DP8406 Datasheet(HTML) 3 Page - National Semiconductor (TI)

  DP8406 Datasheet HTML 1Page - National Semiconductor (TI) DP8406 Datasheet HTML 2Page - National Semiconductor (TI) DP8406 Datasheet HTML 3Page - National Semiconductor (TI) DP8406 Datasheet HTML 4Page - National Semiconductor (TI) DP8406 Datasheet HTML 5Page - National Semiconductor (TI) DP8406 Datasheet HTML 6Page - National Semiconductor (TI) DP8406 Datasheet HTML 7Page - National Semiconductor (TI) DP8406 Datasheet HTML 8Page - National Semiconductor (TI) DP8406 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
Connection Diagram (Continued)
Pin Assignment for
Side Brazed DIP
TLF9579 – 2
Order Number DP8406D (74F632DC)
See NS Package Number D52A
Functional Description
MEMORY WRITE CYCLE DETAILS
During a memory write cycle the check bits (CB0 through
CB6) are generated internally in the EDAC by seven 16-in-
put parity generators using the 32-bit data word as defined
in Table II These seven check bits are stored in memory
along with the original 32-bit data word This 32-bit word will
later be used in the memory read cycle for error detection
and correction
ERROR DETECTION AND CORRECTION DETAILS
During a memory read cycle the 7-bit check word is re-
trieved along with the actual data In order to be able to
determine whether the data from memory is acceptable to
use as presented to the bus the error flags must be tested
to determine if they are at the HIGH level
The first case in Table III represents the normal no-error
conditions The EDAC presents HIGHs on both flags The
next two cases of single-bit errors give a HIGH on MERR
and a LOW on ERR which is the signal for a correctable
error and the EDAC should be sent through the correction
cycle The last three cases of double-bit errors will cause
the EDAC to signal LOWs on both ERR and MERR which is
the interrupt indication for the CPU
Error detection is accomplished as the 7-bit check word and
the 32-bit data word from memory are applied to internal
parity generatorscheckers If the parity of all seven group-
ings of data and check bits is correct it is assumed that no
error has occurred and both error flags will be HIGH
TABLE I Write Control Function
Memory
EDAC
Control
DB Control
DB Output
CB
Error Flags
Cycle
Function
S1
S0
Data IO
OEBn
Latch
Check IO
Control
ERR
MERR
LEDBO
OECB
Write
Generate
L
L
Input
H
X
Output
LH
H
Check Word
Check Bit
See Table II for details of check bit generation
3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com