Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DP8406 Datasheet(PDF) 11 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # DP8406
Description  32-Bit Parallel Error Detection and Correction Circuit
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DP8406 Datasheet(HTML) 11 Page - National Semiconductor (TI)

Back Button DP8406 Datasheet HTML 6Page - National Semiconductor (TI) DP8406 Datasheet HTML 7Page - National Semiconductor (TI) DP8406 Datasheet HTML 8Page - National Semiconductor (TI) DP8406 Datasheet HTML 9Page - National Semiconductor (TI) DP8406 Datasheet HTML 10Page - National Semiconductor (TI) DP8406 Datasheet HTML 11Page - National Semiconductor (TI) DP8406 Datasheet HTML 12Page - National Semiconductor (TI) DP8406 Datasheet HTML 13Page - National Semiconductor (TI) DP8406 Datasheet HTML 14Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 11 / 14 page
background image
AC Electrical Characteristics
74F
54F
74F
TA ea25 C
TA VCC e Mil
TA VCC e Com
Symbol
Parameter
VCC ea50V
CL e 50 pF
CL e 50 pF
Units
CL e 50 pF
Min
Typ
Max
Min
Max
Min
Max
tPLH
Propagation Delay
40
140
270
40
310
ns
tPHL
DB or CB to ERR
40
105
180
40
200
tPLH
Propagation Delay
40
210
270
40
310
ns
tPHL
DB to ERR
40
140
180
40
200
tPLH
Propagation Delay
50
170
270
50
310
ns
tPHL
DB or CB to MERR
50
160
270
50
310
tPLH
Propagation Delay
50
230
270
50
310
ns
tPHL
DB to MERR
50
190
270
50
310
tPLH
Propagation Delay
40
120
160
40
200
ns
tPHL
S0 and S1 LOW to DB
40
120
160
40
200
tPLH
Propagation Delay
40
105
140
40
150
ns
tPHL
S1 to CB
40
90
140
40
150
tPLH
Propagation Delay
20
115
130
20
140
ns
S0 or S1 to ERR or MERR
tPLH
Propagation Delay
40
160
230
40
250
ns
tPHL
DB to CB
40
180
230
40
250
tPLH
Propagation Delay
20
110
130
20
140
ns
tPHL
LEDBO to DB
20
110
130
20
140
tPZH
Output Enable Time
10
60
100
10
100
ns
tPZL
OEBn to DB
10
60
100
10
100
tPHZ
Output Disable Time
10
50
100
10
100
ns
tPLZ
OEBn to DB
10
40
100
10
100
tPZH
Output Enable Time
10
60
100
10
100
ns
tPZL
OECB to CB
10
60
100
10
100
tPHZ
Output Disable Time
10
50
100
10
100
ns
tPLZ
OECB to CB
10
40
100
10
100
11



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com