Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DP8406 Datasheet(PDF) 7 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # DP8406
Description  32-Bit Parallel Error Detection and Correction Circuit
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DP8406 Datasheet(HTML) 7 Page - National Semiconductor (TI)

Back Button DP8406 Datasheet HTML 3Page - National Semiconductor (TI) DP8406 Datasheet HTML 4Page - National Semiconductor (TI) DP8406 Datasheet HTML 5Page - National Semiconductor (TI) DP8406 Datasheet HTML 6Page - National Semiconductor (TI) DP8406 Datasheet HTML 7Page - National Semiconductor (TI) DP8406 Datasheet HTML 8Page - National Semiconductor (TI) DP8406 Datasheet HTML 9Page - National Semiconductor (TI) DP8406 Datasheet HTML 10Page - National Semiconductor (TI) DP8406 Datasheet HTML 11Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 14 page
background image
Functional Description (Continued)
TABLE VI Read-Modify-Write Function
Memory
EDAC
Control
DB Output
CB
Error Flags
Cycle
Function
S1
S0
BYTEn
OEBn
Latch
Check IO
Control
ERR
MERR
LEDBO
OECB
Read
Read
Flag
H
L
Input
H
X
Input
H
Enabled
Read
Latch Input
Latched
Latched
Data
H
H
Input
H
L
Input
H
Enabled
Check Bits
Data
Check Word
Read
Latch Corrected
Latched
High Z
H
Data Word into
HH
Output
HH
Output
L
Enabled
Output Latch
Data
Syndrome
Word
Bits
Modify
Modify
Input
Write
Appropriate
Modified
H
Byte or Bytes
LL
BYTE0
H
Output
LH
H
Generate New
Output
Check Word
Check Word
Unchanged
L
BYTE0
OEB0 controls DB0–DB7 (BYTE0) OEB1 controls DB8–DB15 (BYTE1) OEB2 controls DB16–DB23 (BYTE2) OEB3 controls DB24–DB31 (BYTE3)
TABLE VII Diagnostic Function
EDAC
Control
DB Byte
DB Output
CB
Error Flags
Function
S1
S0
Data IO
Control
Latch
Check IO
Control
ERR
MERR
OEBn
LEDBO
OECB
Read
Flag
HL
Input Correct
HX
Input Correct
HH
Data Word
Check Bits
Latch Input Check
Word while Data
Input
Latched
Input Latch
L
H
Diagnostic
H
L
Input
H
Enabled
Remains
Data Word
Check Bits
Transparent
Latch Diagnostic
Input
Output
Data Word into
L
H
Diagnostic
H
H
Latched
L
Output Latch
Data Word
Check Bits
Enabled
High Z
H
Latch Diagnostic
Latched
Output
Data Word into
HH
Input
HH
Syndrome
L
Enabled
Input Latch
Diagnostic
Bits
Data Word
High Z
H
Output Diagnostic
Output
Output
Data Word
H
H
Diagnostic
L
H
Syndrome
L
Enabled
Syndrome Bits
Data Word
Bits
High Z
H
Output Corrected
Output
Output
Diagnostic Data
HH
Corrected
LL
Syndrome
L
Enabled
Word
Output
Diagnostic
Bits
Syndrome Bits
Data Word
High Z
H
Diagnostic data is a data word with an error in one bit location except when testing the MERR error flag In this casethe diagnostic data word will contain errors in
two bit locations
7



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com