Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DP8406 Datasheet(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # DP8406
Description  32-Bit Parallel Error Detection and Correction Circuit
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DP8406 Datasheet(HTML) 1 Page - National Semiconductor (TI)

  DP8406 Datasheet HTML 1Page - National Semiconductor (TI) DP8406 Datasheet HTML 2Page - National Semiconductor (TI) DP8406 Datasheet HTML 3Page - National Semiconductor (TI) DP8406 Datasheet HTML 4Page - National Semiconductor (TI) DP8406 Datasheet HTML 5Page - National Semiconductor (TI) DP8406 Datasheet HTML 6Page - National Semiconductor (TI) DP8406 Datasheet HTML 7Page - National Semiconductor (TI) DP8406 Datasheet HTML 8Page - National Semiconductor (TI) DP8406 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
TLF9579
May 1991
DP8406 (54F74F632)
32-Bit Parallel Error Detection and Correction Circuit
General Description
The DP8406 device is a 32-bit parallel error detection and
correction circuit (EDAC) in a 52-pin or 68-pin package The
EDAC uses a modified Hamming code to generate a 7-bit
check word from a 32-bit data word This check word is
stored along with the data word during the memory write
cycle During the memory read cycle the 39-bit words from
memory are processed by the EDAC to determine if errors
have occurred in memory
Single-bit errors in the 32-bit data word are flagged and cor-
rected
Single-bit errors in the 7-bit check word are flagged and the
CPU sends the EDAC through the correction cycle even
though the 32-bit data word is not in error The correction
cycle will simply pass along the original 32-bit data word in
this case and produce error syndrome bits to pinpoint the
error-generating location
Dual-bit errors are flagged but not corrected These errors
may occur in any two bits of the 39-bit word from memory
(two errors in the 32-bit data word two errors in the 7-bit
check word or one error in each word) The gross-error
condition of all LOWs or all HIGHs from memory will be
detected Otherwise errors in three or more bits of the
39-bit word are beyond the capabilities of these devices to
detect
Read-modify-write (byte-control) operations can be per-
formed by using output latch enable LEDBO and the indi-
vidual OEB0 through OEB3 byte control pins
Diagnostics are performed on the EDACs by controls and
internal paths that allow the user to read the contents of the
Data Bit and Check Bit input latches These will determine if
the failure occurred in memory or in the EDAC
Features
Y
Detects and corrects single-bit errors
Y
Detects and flags dual-bit errors
Y
Built-in diagnostic capability
Y
Fast write and read cycle processing times
Y
Byte-write capability
Y
Guaranteed 4000V minimum ESD protection
Y
Fully
pin
and
function
compatible
with
TI’s
SN74ALS632A thru SN74ALS635 series
Simplified Functional Block
TLF9579 – 9
Device
Package
Byte-Write
Output
DP8406
52-Pin
yes
TRI-STATE
DP8406
68-Pin
yes
TRI-STATE
FAST
and TRI-STATE
are registered trademarks of National Semiconductor Corporation
C1995 National Semiconductor Corporation
RRD-B30M105Printed in U S A


Similar Part No. - DP8406

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
DP8402A NSC-DP8402A Datasheet
319Kb / 18P
DP8402A/DP8403/DP8404/DP8405 32-Bit Parallel Error Detection and Correction Circuits (EDACs)
DP8402AD NSC-DP8402AD Datasheet
319Kb / 18P
DP8402A/DP8403/DP8404/DP8405 32-Bit Parallel Error Detection and Correction Circuits (EDACs)
DP8402AV NSC-DP8402AV Datasheet
319Kb / 18P
DP8402A/DP8403/DP8404/DP8405 32-Bit Parallel Error Detection and Correction Circuits (EDACs)
DP8403 NSC-DP8403 Datasheet
319Kb / 18P
DP8402A/DP8403/DP8404/DP8405 32-Bit Parallel Error Detection and Correction Circuits (EDACs)
DP8403D NSC-DP8403D Datasheet
319Kb / 18P
DP8402A/DP8403/DP8404/DP8405 32-Bit Parallel Error Detection and Correction Circuits (EDACs)
More results

Similar Description - DP8406

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC10E193 ONSEMI-MC10E193 Datasheet
108Kb / 4P
ERROR DETECTION/ CORRECTION CIRCUIT
REV 3
logo
Integrated Device Techn...
IDT49C460 IDT-IDT49C460 Datasheet
714Kb / 32P
32-BIT CMOS ERROR DETECTION AND CORRECTION UNIT
IDT49C465 IDT-IDT49C465 Datasheet
402Kb / 38P
32-BIT FLOW-THRU ERROR DETECTION AND CORRECTION UNIT
IDT49C466 IDT-IDT49C466 Datasheet
234Kb / 27P
64-BIT FLOW-THRU ERROR DETECTION AND CORRECTION UNIT
logo
Intersil Corporation
ACS630MS INTERSIL-ACS630MS Datasheet
489Kb / 4P
Radiation Hardened EDAC (Error Detection and Correction Circuit)
January 1996
logo
Micrel Semiconductor
SY10E193 MICREL-SY10E193 Datasheet
62Kb / 4P
ERROR DETECTION/ CORRECTION CIRCUIT
logo
National Semiconductor ...
DP8402A NSC-DP8402A Datasheet
319Kb / 18P
DP8402A/DP8403/DP8404/DP8405 32-Bit Parallel Error Detection and Correction Circuits (EDACs)
logo
Micrel Semiconductor
SY10E193 MICREL-SY10E193_06 Datasheet
65Kb / 5P
ERROR DETECTION/CORRECTION CIRCUIT
logo
Texas Instruments
SN54LS630 TI-SN54LS630 Datasheet
352Kb / 9P
16-BIT PARALLEL ERROR DETECTION AND CORRECTION CIRCUITS
logo
Renesas Technology Corp
ACS630MS RENESAS-ACS630MS Datasheet
676Kb / 3P
Radiation Hardened EDAC (Error Detection and Correction Circuit)
January 1996
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com