Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SL521 Datasheet(PDF) 5 Page - Zarlink Semiconductor Inc

Part # SL521
Description  150MHz WIDEBAND LOG AMPLIFIER
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZARLINK [Zarlink Semiconductor Inc]
Direct Link  http://www.zarlink.com
Logo ZARLINK - Zarlink Semiconductor Inc

SL521 Datasheet(HTML) 5 Page - Zarlink Semiconductor Inc

  SL521 Datasheet HTML 1Page - Zarlink Semiconductor Inc SL521 Datasheet HTML 2Page - Zarlink Semiconductor Inc SL521 Datasheet HTML 3Page - Zarlink Semiconductor Inc SL521 Datasheet HTML 4Page - Zarlink Semiconductor Inc SL521 Datasheet HTML 5Page - Zarlink Semiconductor Inc SL521 Datasheet HTML 6Page - Zarlink Semiconductor Inc SL521 Datasheet HTML 7Page - Zarlink Semiconductor Inc  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
SL521
Fig.5 Maximum rectified output current v. temperature
(typical)
Fig.6 Noise figure v. temperature (typical)
Fig.7 Input admittance with open-circuit output (typical)
Fig.8 Direct Coupled amplifiers
Fig.9 Suitable interstagetuned circuit
OPERATING NOTES
The amplifiers are intended for use directly coupled, as
shown in Fig 8.
The seventh stage in an untuned cascade will be giving
virtually full output on noise.
Noise may be reduced by inserting a single tuned circuit in
the chain As there is a large mismatch between stages a
simple shunt or series circuit cannot be used The choice of
network is also controlled by the need to avoid distorting the
logarithmic law; the network must give unity voltage transfer at
resonance A suitable network is shown in Fig 9. The value of
C1 must be chosen so that at resonance its admittance equals
the total loss conductance across the tuned circuit Resistor R1
may be introduced to improve the symmetry of filter response,
providing other values are adjusted for unity galn at
resonance.
A simple capacitor may not be suitable for decoupling the
output line if many stages and fast rise times are required.
Alternative arrangements may be derived, based on the
parasitic parameters given.
Values of positive supply line decoupling capacitor
requlred for untuned cascades are given below. Smaller
values can be used in high frequency tuned cascades.
Number of stages
6 or more
5
4
3
Minimum capacitance
30nF
10nF
3nF lnF
The amplifiers have been provided with two earth leads to
avoid the introduction of common ground lead inductance
between input and output circuits. The equipment designer
should take care to avoid the subsequent introduction of such
inductance.
The 500pF supply decoupling capacitor has a resistance
of, typically, 1 0Q. It is a junction type having a low breakdown
voltage and consequently the positive supply current will
increase rapidly if the supply voltage exceeds 7.5V (see
Absolute Maximum Ratings).



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com