Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SL521 Datasheet(PDF) 3 Page - Zarlink Semiconductor Inc

Part # SL521
Description  150MHz WIDEBAND LOG AMPLIFIER
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZARLINK [Zarlink Semiconductor Inc]
Direct Link  http://www.zarlink.com
Logo ZARLINK - Zarlink Semiconductor Inc

SL521 Datasheet(HTML) 3 Page - Zarlink Semiconductor Inc

  SL521 Datasheet HTML 1Page - Zarlink Semiconductor Inc SL521 Datasheet HTML 2Page - Zarlink Semiconductor Inc SL521 Datasheet HTML 3Page - Zarlink Semiconductor Inc SL521 Datasheet HTML 4Page - Zarlink Semiconductor Inc SL521 Datasheet HTML 5Page - Zarlink Semiconductor Inc SL521 Datasheet HTML 6Page - Zarlink Semiconductor Inc SL521 Datasheet HTML 7Page - Zarlink Semiconductor Inc  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
SL521
150MHz WIDEBAND LOG AMPLIFIER
The SL521A, B and C are bipolar monolithic Integrated
circuit wideband amplifiers, intended primarily for use in
successive detection logarithmic IF strips, operating at centre
frequencies between 10MHz and 100MHz The devices
provide amplification, limiting and rectification, are suitable for
direct coupling and incorporate supply line decoupling The
mid-band voltage gain of the SL521 is typically12dB(4times)
The SL521A, B and C differ mainly in the tolerance of voltage
gain and upper cut-off frequency
The device is also available as the 5962-90792 which has
guaranteed operation over the full Military Temperature
Range and is screened to MIL-STD-883 Class B. Data is
available separately
FEATURES
s Wide Defined Gain
s 4dB Noise Figure
s Hlgh I/P impedance
s Low O/Pi mpedance
s 165MHz Bandwidth
s On Chip Supply Decoupling
s Low External Component Count
ORDERING INFORMATION
SL521 A CM
5962-90792 (SMD)
SL521 B CM
SL521 C CM
ABSOLUTE MAXIMUM RATINGS
(Non-simultaneous)
Storage temperature range
-65
°C to +150°C
Operating temperature range
-55
°C to +125°C
Chip operating temperature
+175
°C
Chip-to-ambient thermal resistance
225
°C/W
Chip-to-case thermal resistance
65
°C/W
Maximum instantaneous voltage at
Video output
+12V
Supply voltage
+9V
APPLICATIONS
s Logarithmic IF Strips wlth Gains up to 108dB and
Linearity better than 1dB
Fig.1 Pin connections - bottom view
CM8
Fig.2 Circuit diagram SL521
DS3606 - 2.0
ADVANCE INFORMATION



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com