Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SL521 Datasheet(PDF) 4 Page - Zarlink Semiconductor Inc

Part # SL521
Description  150MHz WIDEBAND LOG AMPLIFIER
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZARLINK [Zarlink Semiconductor Inc]
Direct Link  http://www.zarlink.com
Logo ZARLINK - Zarlink Semiconductor Inc

SL521 Datasheet(HTML) 4 Page - Zarlink Semiconductor Inc

  SL521 Datasheet HTML 1Page - Zarlink Semiconductor Inc SL521 Datasheet HTML 2Page - Zarlink Semiconductor Inc SL521 Datasheet HTML 3Page - Zarlink Semiconductor Inc SL521 Datasheet HTML 4Page - Zarlink Semiconductor Inc SL521 Datasheet HTML 5Page - Zarlink Semiconductor Inc SL521 Datasheet HTML 6Page - Zarlink Semiconductor Inc SL521 Datasheet HTML 7Page - Zarlink Semiconductor Inc  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
SL521
ELECTRICAL CHARACTERISTICS
These characteristics are guaranteed over the following conditions (unless otherwise stated)
Temperature = +22
°C + 2°C
Supply voltage = +6V
DC connection between input and bias pins.
Min.
Typ.
Max.
Voltage gain, f = 30MHz
A
11.5
12.5
dB
B
11 .3
1 2.7
dB
C
11.0
13.0
dB
10 ohms source, 8pF load
Voltage gain, f = 60MHz
A
11.3
12.7
dB
B
11.0
13.0
dB
C
10.7
13.3
dB
Upper cut-off frequency (Fig. 3)
A
150
170
MHz
B
140
170
MHz
10 ohms source, 8pF load
C
130
170
MHz
Lower cut-off frequency (Fig. 3)
A B C
5
7
MHz
10 ohms source, 8pF load
Propagation delay
A B C
2
ns
Maximum rectified video output
A
1.00
1.10
mA
current (Fig. 4 and 5)
B
0.95
1.15
mA
f = 60MHz, 0.5V rms input
C
0.90
1.20
mA
Variation of gain with supply voltage
A B C
0.7
db/V
Variation of maximum rectified
A B C
25
%/V
output current with supply voltage
Maximum input signal before overload
A B C
1.8
1.9
V rms
See note below
Noise figure (Fig. 6)
4
5.25
dB
f = 60MHz, Rs = 450 ohms
Supply current
A
12.5
15.0
18.0
mA
B
12.5
15.0
18.0
mA
C
11.5
15.0
19.0
mA
Maxiumum RF output voltage
1.2
Vp-p
Value
Units
Conditions
Circuits
Characteristic
Note: Overload occurs when the input signal reaches a level sufficient to forward bias the base-collector junction to TR2 on peaks.
Fig.3 Voltage gain v. frequency (typical)
Fig.4 Rectified output current v. input signal (typical)



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com