Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SL521 Datasheet(PDF) 6 Page - Zarlink Semiconductor Inc

Part # SL521
Description  150MHz WIDEBAND LOG AMPLIFIER
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZARLINK [Zarlink Semiconductor Inc]
Direct Link  http://www.zarlink.com
Logo ZARLINK - Zarlink Semiconductor Inc

SL521 Datasheet(HTML) 6 Page - Zarlink Semiconductor Inc

  SL521 Datasheet HTML 1Page - Zarlink Semiconductor Inc SL521 Datasheet HTML 2Page - Zarlink Semiconductor Inc SL521 Datasheet HTML 3Page - Zarlink Semiconductor Inc SL521 Datasheet HTML 4Page - Zarlink Semiconductor Inc SL521 Datasheet HTML 5Page - Zarlink Semiconductor Inc SL521 Datasheet HTML 6Page - Zarlink Semiconductor Inc SL521 Datasheet HTML 7Page - Zarlink Semiconductor Inc  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
SL521
Current from pin 2
Voltage at pin 6
=
= 0.003
Effective voltage induced at pin 6
Voltage at pin 4
=
= 20 mmhos
Parasitic Feedback Parameters (Approximate)
The quotation of these parameters does not indicate that
elaborate decoupling arrangements are required, the
amplifier has been designed specifically to avoid this
requirement. The parameters have been given so that the
necessity or otherwise of further decoupling, may become a
matter of calculation rather than guesswork.
I4
V6
~
RF current component from pin 4
Voltage at pin 6
(This figure allows for detector being forward biased by
noise signals).
V4
V6
=
= 6 mmhos (f = 10MHz)
I2
V6
V6
V2
a
Voltage induced at pin 6
Voltage at pin 2
=
= 0.03 (f = 10MHz)
Voltage at pin 2
(pin joined to pin 7 and
fed from 300
Ω source)
Voltage induced at pin 6
Voltage at pin 2
V6
V2
b
=
= 0.01 (f = 10MHz)
Voltage at pin 2
(pin 7 decoupled)
I2
V6
V6
V2
b
V6
V2
a
decrease with frequency above 10MHz
at 6dB/octave
HEADQUARTERS OPERATIONS
GEC PLESSEY SEMICONDUCTORS
Cheney Manor, Swindon,
Wiltshire SN2 2QW, United Kingdom.
Tel: (0793) 518000
Fax: (0793) 518411
GEC PLESSEY SEMICONDUCTORS
P.O. Box 660017
1500 Green Hills Road,
Scotts Valley, California 95067-0017,
United States of America.
Tel: (408) 438 2900
Fax: (408) 438 5576
This publication is issued to provide information only which (unless agreed by the Company in writing) may not be used, applied or reproduced for any purpose nor form part of any order or contract nor to be regarded
as a representation relating to the products or services concerned. No warranty or guarantee express or implied is made regarding the capability, performance or suitability of any product or service. The Company
reserves the right to alter without prior knowledge the specification, design or price of any product or service. Information concerning possible methods of use is provided as a guide only and does not constitute
any guarantee that such methods of use will be satisfactory in a specific piece of equipment. It is the user's responsibility to fully determine the performance and suitability of any equipment using such information
and to ensure that any publication or data used is up to date and has not been superseded. These products are not suitable for use in any medical products whose failure to perform may result in significant injury
or death to the user. All products and materials are sold and services provided subject to the Company's conditions of sale, which are available on request.
CUSTOMER SERVICE CENTRES
• FRANCE & BENELUX Les Ulis Cedex Tel: (1) 64 46 23 45 Fax : (1) 64 46 06 07
• GERMANY Munich Tel: (089) 3609 06-0 Fax : (089) 3609 06-55
• ITALY Milan Tel: (02) 66040867 Fax: (02) 66040993
• JAPAN Tokyo Tel: (03) 5276-5501 Fax: (03) 5276-5510
• NORTH AMERICA Scotts Valley, USA Tel (408) 438 2900 Fax: (408) 438 7023.
• SOUTH EAST ASIA Singapore Tel: (65) 3827708 Fax: (65) 3828872
• SWEDEN Stockholm, Tel: 46 8 702 97 70 Fax: 46 8 640 47 36
• UK, EIRE, DENMARK, FINLAND & NORWAY
Swindon Tel: (0793) 518510 Fax : (0793) 518582
These are supported by Agents and Distributors in major countries world-wide.
© GEC Plessey Semiconductors 1994



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com