Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM3203TL/NOPB Datasheet(PDF) 16 Page - Texas Instruments

Click here to check the latest version.
Part # LM3203TL/NOPB
Description  Step-Down DC-DC Converter
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM3203TL/NOPB Datasheet(HTML) 16 Page - Texas Instruments

Back Button LM3203TL/NOPB Datasheet HTML 12Page - Texas Instruments LM3203TL/NOPB Datasheet HTML 13Page - Texas Instruments LM3203TL/NOPB Datasheet HTML 14Page - Texas Instruments LM3203TL/NOPB Datasheet HTML 15Page - Texas Instruments LM3203TL/NOPB Datasheet HTML 16Page - Texas Instruments LM3203TL/NOPB Datasheet HTML 17Page - Texas Instruments LM3203TL/NOPB Datasheet HTML 18Page - Texas Instruments LM3203TL/NOPB Datasheet HTML 19Page - Texas Instruments LM3203TL/NOPB Datasheet HTML 20Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 22 page
background image
LM3203
SNVS355D – MAY 2005 – REVISED APRIL 2013
www.ti.com
BOARD LAYOUT CONSIDERATIONS
PC board layout is an important part of DC-DC converter design. Poor board layout can disrupt the performance
of a DC-DC converter and surrounding circuitry by contributing to EMI, ground bounce, and resistive voltage loss
in the traces. These can send erroneous signals to the DC-DC converter, resulting in poor regulation or
instability. Poor layout can also result in re-flow problems leading to poor solder joints between the DSBGA
package and board pads. Poor solder joints can result in erratic or degraded performance. Good layout for the
LM3203 can be implemented by following a few simple design rules.
1. Place the LM3203 on 10.82 mil pads. As a thermal relief, connect to each pad with a 7 mil wide,
approximately 7 mil long traces, and when incrementally increase each trace to its optimal width. The
important criterion is symmetry to ensure the solder bumps on the LM3203 re-flow evenly (see DSBGA
Package Assembly and Use).
2. Place the LM3203, inductor and filter capacitors close together and make the trace short. The traces
between these components carry relatively high switching currents and act as antennas. Following this rule
reduces radiated noise. Place the capacitors and inductor close to the LM3203. The input capacitor should
be placed right next to the device between PVIN and PGND pin.
3. Arrange the components so that the switching current loops curl in the same direction. During the first half of
each cycle, current flows from the input filter capacitor, through the LM3203 and inductor to the output filter
capacitor and back through ground, forming a current loop. In the second half of each cycle, current is pulled
up from ground, through the LM3203 by the inductor, to the output filter capacitor and then back through
ground, forming a second current loop. Routing these loops so the current curls in the same direction,
prevents magnetic field reversal between the two half-cycles and reduces radiated noise.
4. Connect the ground pins of the LM3203, and filter capacitors together using generous component side
copper fill as a pseudo-ground plane. Then connect this to the ground-plane (if one is used) with several
vias. This reduces ground plane noise by preventing the switching currents from circulating through the
ground plane. It also reduces ground bounce at the LM3203 by giving it a low impedance ground connection.
5. Use wide traces between the power components and for power connections to the DC-DC converter circuit.
This reduces voltage errors caused by resistive losses across the traces.
6. Route noise sensitive traces, such as the voltage feedback trace, away from noisy traces and components.
The voltage feedback trace must remain close to the LM3203 circuit and should be routed directly from FB
pin to VOUT at the output capacitor. A good approach is to route the feedback trace on another layer and to
have a ground plane between the top layer and the layer on which the feedback trace is routed. This reduces
EMI radiation on to the DC-DC converter’s own voltage feedback trace.
7. It is recommended to connect BYPOUT pin to VOUT at the output capacitor using a separate trace, instead of
connecting it directly to the FB pin for better noise immunity.
16
Submit Documentation Feedback
Copyright © 2005–2013, Texas Instruments Incorporated
Product Folder Links: LM3203



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com