Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM3203TL/NOPB Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
Part # LM3203TL/NOPB
Description  Step-Down DC-DC Converter
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM3203TL/NOPB Datasheet(HTML) 9 Page - Texas Instruments

Back Button LM3203TL/NOPB Datasheet HTML 5Page - Texas Instruments LM3203TL/NOPB Datasheet HTML 6Page - Texas Instruments LM3203TL/NOPB Datasheet HTML 7Page - Texas Instruments LM3203TL/NOPB Datasheet HTML 8Page - Texas Instruments LM3203TL/NOPB Datasheet HTML 9Page - Texas Instruments LM3203TL/NOPB Datasheet HTML 10Page - Texas Instruments LM3203TL/NOPB Datasheet HTML 11Page - Texas Instruments LM3203TL/NOPB Datasheet HTML 12Page - Texas Instruments LM3203TL/NOPB Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 22 page
background image
IL
400 ns/DIV
200 mA/DIV
2V/DIV
VSW
10 mV/DIV
AC Coupled
VOUT
VIN = 4.2V
VOUT = 3.25V
IOUT = 300 mA
IL
400 ns/DIV
200 mA/DIV
2V/DIV
VSW
VIN = 3.57V
VOUT = 3.25V
10 mV/DIV
AC Coupled
VOUT
IOUT = 200 mA
IL
10 Ps/DIV
500 mA/DIV
2V/DIV
VSW
VOUT
VOUT = 1.5V
1V/DIV
RLOAD = 15:
IL
400 ns/DIV
200 mA/DIV
2V/DIV
VSW
VIN = 3.6V
VOUT = 1.5V
10 mV/DIV
AC Coupled
VOUT
IOUT = 200 mA
LM3203
www.ti.com
SNVS355D – MAY 2005 – REVISED APRIL 2013
TYPICAL PERFORMANCE CHARACTERISTICS (continued)
(Circuit in Figure 31, PVIN = VDD = EN = 3.6V, BYP = 0V, TA = 25°C, unless otherwise noted)
Line Transient Response
VCON Voltage Response
(VIN = 3.0V to 3.6V)
(VIN = 4.2V, VCON = 0.5V/1.13V)
Figure 21.
Figure 22.
Timed Current Limit Response
Output Voltage Ripple
(normal operation to short circuit)
(VOUT = 1.5V, VCON = 0.5V)
Figure 23.
Figure 24.
Output Voltage Ripple
Output Voltage Ripple in Dropout
(VOUT = 3.25V, VCON = 1.08V)
(VIN = 3.57V, VOUT = 3.25V, ILOAD = 200 mA)
Figure 25.
Figure 26.
Copyright © 2005–2013, Texas Instruments Incorporated
Submit Documentation Feedback
9
Product Folder Links: LM3203



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com