Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM3203TL/NOPB Datasheet(PDF) 12 Page - Texas Instruments

Click here to check the latest version.
Part # LM3203TL/NOPB
Description  Step-Down DC-DC Converter
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM3203TL/NOPB Datasheet(HTML) 12 Page - Texas Instruments

Back Button LM3203TL/NOPB Datasheet HTML 8Page - Texas Instruments LM3203TL/NOPB Datasheet HTML 9Page - Texas Instruments LM3203TL/NOPB Datasheet HTML 10Page - Texas Instruments LM3203TL/NOPB Datasheet HTML 11Page - Texas Instruments LM3203TL/NOPB Datasheet HTML 12Page - Texas Instruments LM3203TL/NOPB Datasheet HTML 13Page - Texas Instruments LM3203TL/NOPB Datasheet HTML 14Page - Texas Instruments LM3203TL/NOPB Datasheet HTML 15Page - Texas Instruments LM3203TL/NOPB Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 22 page
background image
LM3203
VIN
2.7V to 5.5V
VOUT
0.8V to 3.6V
L1
3.3 PH
C1*
10 PF
C5*
0.1 PF
C2
4.7 PF
VDD
PVIN
SW
FB
PGND
SGND
10 pF
267k
BYPOUT
R1
R2
133k
C3
BYP
VCON
EN
SYSTEM
CONTROLLER
DAC = 0.267V-1.2V
ON/OFF
* Place C1 close to PVIN.
** Place C5 close to VDD.
LM3203
SNVS355D – MAY 2005 – REVISED APRIL 2013
www.ti.com
Figure 31. Typical Operating System Circuit where baseband controls the output voltage using a DAC
Circuit Operation
Referring to Figure 31, the LM3203 operates as follows. During the first part of each switching cycle, the control
block in the LM3203 turns on the internal PFET (P-channel MOSFET) switch. This allows current to flow from the
input through the inductor to the output filter capacitor and load. The inductor limits the current to a ramp with a
slope of around ( VIN - VOUT ) / L, by storing energy in a magnetic field. During the second part of each cycle, the
controller turns the PFET switch off, blocking current flow from the input, and then turns the NFET (N-channel
MOSFET) synchronous rectifier on. In response, the inductor’s magnetic field collapses, generating a voltage
that forces current from ground through the synchronous rectifier to the output filter capacitor and load. As the
stored energy is transferred back into the circuit and depleted, the inductor current ramps down with a slope
around VOUT / L. The output filter capacitor stores charge when the inductor current is going high, and releases it
when inductor current is going low, smoothing the voltage across the load.
The output voltage is regulated by modulating the PFET switch on time to control the average current sent to the
load. The effect is identical to sending a duty-cycle modulated rectangular wave formed by the switch and
synchronous rectifier at SW to a low-pass filter formed by the inductor and output filter capacitor. The output
voltage is equal to the average voltage at the SW pin.
PWM Mode
While in PWM (Pulse Width Modulation) mode, the output voltage is regulated by switching at a constant
frequency and then modulating the energy per cycle to control power to the load. Energy per cycle is set by
modulating the PFET switch on-time pulse width to control the peak inductor current. This is done by comparing
the PFET drain current to a slope-compensated reference current generated by the error amplifier. At the
beginning of each cycle, the clock turns on the PFET switch, causing the inductor current to ramp up. When the
current sense signal ramps past the error amplifier signal, the PWM comparator turns off the PFET switch and
turns on the NFET synchronous rectifier, ending the first part of the cycle. If an increase in load pulls the output
down, the error amplifier output increases, which allows the inductor current to ramp higher before the
comparator turns off the PFET. This increases the average current sent to the output and adjusts for the increase
in the load. The minimum on-time of PFET in PWM mode is 50ns (typ.).
Bypass Mode
The LM3203 contains an internal PFET switch for bypassing the PWM DC-DC converter during Bypass mode. In
Bypass mode, this PFET is turned on to power the PA directly from the battery for maximum RF output power.
Bypass mode is more efficient than operating in PWM mode at 100% duty cycle because the resistance of the
bypass PFET is less than the series resistance of the PWM PFET and inductor. This translates into higher
voltage available on the output in Bypass mode, for a given battery voltage. The part can be placed in bypass
mode by sending BYP pin high. It remains in bypass mode until BYP pin goes low.
It is recommended to connect BYPOUT pin directly to the output capacitor with a separate trace and not to the
FB pin. Connect the BYPOUT pin to the VDD pin when Bypass mode is not required.
If VCON is less than approx. 0.15V, the Bypass FET is turned off.
12
Submit Documentation Feedback
Copyright © 2005–2013, Texas Instruments Incorporated
Product Folder Links: LM3203



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com