Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM3203TL/NOPB Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # LM3203TL/NOPB
Description  Step-Down DC-DC Converter
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM3203TL/NOPB Datasheet(HTML) 5 Page - Texas Instruments

  LM3203TL/NOPB Datasheet HTML 1Page - Texas Instruments LM3203TL/NOPB Datasheet HTML 2Page - Texas Instruments LM3203TL/NOPB Datasheet HTML 3Page - Texas Instruments LM3203TL/NOPB Datasheet HTML 4Page - Texas Instruments LM3203TL/NOPB Datasheet HTML 5Page - Texas Instruments LM3203TL/NOPB Datasheet HTML 6Page - Texas Instruments LM3203TL/NOPB Datasheet HTML 7Page - Texas Instruments LM3203TL/NOPB Datasheet HTML 8Page - Texas Instruments LM3203TL/NOPB Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 22 page
background image
LM3203
www.ti.com
SNVS355D – MAY 2005 – REVISED APRIL 2013
SYSTEM CHARACTERISTICS
The following spec table entries are specified by design over ambient temperature range if the component values in the
typical application circuit are used. These parameters are not specified by production testing.
Symbol
Parameter
Conditions
Min
Typ
Max
Units
TSTARTUP Time for VOUT to rise to
VIN = 4.2V, COUT = 4.7µF,
50
µs
3.4V in PWM mode
RLOAD = 10Ω
L = 3.3uH (ISAT > 0.94A)
EN = Low to High
TRESPONSE Time for VOUT to Rise
VIN = 4.2V, COUT = 4.7µF,
from 0.8V to 3.6V in
RLOAD = 10Ω
30
µs
PWM Mode
L = 3.3uH (ISAT > 0.94A)
CCON
VCON Input Capacitance
VCON = 1V,
15
pF
Test frequency = 100kHz
TON_BYP
Bypass FET Turn On
VIN = 3.6V, VCON = 0.267V,
Time In Bypass Mode
COUT = 4.7µF, RLOAD = 10Ω
30
µs
BYP = Low to High
Copyright © 2005–2013, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Links: LM3203



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com