Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DP8420V Datasheet(PDF) 39 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # DP8420V
Description  microCMOS Programmable 256k/1M/4M Dynamic RAM Controller/Drivers
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DP8420V Datasheet(HTML) 39 Page - National Semiconductor (TI)

Back Button DP8420V Datasheet HTML 35Page - National Semiconductor (TI) DP8420V Datasheet HTML 36Page - National Semiconductor (TI) DP8420V Datasheet HTML 37Page - National Semiconductor (TI) DP8420V Datasheet HTML 38Page - National Semiconductor (TI) DP8420V Datasheet HTML 39Page - National Semiconductor (TI) DP8420V Datasheet HTML 40Page - National Semiconductor (TI) DP8420V Datasheet HTML 41Page - National Semiconductor (TI) DP8420V Datasheet HTML 42Page - National Semiconductor (TI) DP8420V Datasheet HTML 43Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 60 page
background image
100 Dual Accessing (DP8422V DP84T22) (Continued)
Since the DP8422V DP84T22 has only one set of address
inputs the signal is used with the addition of buffers to
allow the currently granted port’s addresses to reach the
DP8422V DP84T22 The signals which need to be buf-
ferred are R0 – 10
C0 – 10
B0 – 1
ECAS0–3
WE
and
LOCK All other inputs are not common and do not have to
be buffered as shown in
Figure 34a If a Port which is not
currently granted tries to access the DRAM array the
GRANTB output will transition from a rising clock edge from
AREQ or AREQB negating and will precede the RAS for the
access by one or two clock periods GRANTB will then stay
in this state until the other port requests an access and the
currently granted port is not accessing the DRAM as shown
in
Figure 34b
TLF11109 – 59
If Port B is synchronous the Request Synchronizing logic will not be required
FIGURE 34a Dual Accessing with the DP8422V DP84T22 (System Block Diagram)
39



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com