Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DP8420V Datasheet(PDF) 21 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # DP8420V
Description  microCMOS Programmable 256k/1M/4M Dynamic RAM Controller/Drivers
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DP8420V Datasheet(HTML) 21 Page - National Semiconductor (TI)

Back Button DP8420V Datasheet HTML 17Page - National Semiconductor (TI) DP8420V Datasheet HTML 18Page - National Semiconductor (TI) DP8420V Datasheet HTML 19Page - National Semiconductor (TI) DP8420V Datasheet HTML 20Page - National Semiconductor (TI) DP8420V Datasheet HTML 21Page - National Semiconductor (TI) DP8420V Datasheet HTML 22Page - National Semiconductor (TI) DP8420V Datasheet HTML 23Page - National Semiconductor (TI) DP8420V Datasheet HTML 24Page - National Semiconductor (TI) DP8420V Datasheet HTML 25Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 60 page
background image
50 Refresh Options
The DP8420V21V22V DP84T22 support three refresh
control mode options
1 Automatic Internally Controlled Refresh
2 Externally ControlledBurst Refresh
3 Refresh RequestAcknowledge
With each of the control modes above three types of re-
fresh can be performed
1 All RAS Refresh
2 Staggered Refresh
3 Error Scrubbing During All RAS Refresh
There are three inputs EXTNDRF RFSH and DISRFSH
and two outputs RFIP and RFRQ associated with refresh
There are also ten programming bits R0 – 1 R9 C0 – 6 and
ECAS0 used to program the various types of refreshing
Asserting the input EXTNDRF extends the refresh cycle for
a single or multiple integral periods of CLK
The output RFIP is asserted one period of CLK before the
first refresh RAS is asserted If an access is currently in
progress RFIP will be asserted up to one period of CLK
before the first refresh RAS after AREQ or AREQB is nega-
ted for the access (see
Figure 13 )
The DP8420V21V22V DP84T22 will increment the re-
fresh address counter automatically independent of the re-
fresh mode used The refresh address counter will be incre-
mented once all the refresh RASs have been negated
In every combination of refresh control mode and refresh
type the DP8420V21V22V DP84T22 is programmed to
keep RAS asserted a number of CLK periods The time val-
ues of RAS low during refresh are programmed through pro-
gramming bits R0 and R1
51 REFRESH CONTROL MODES
511 Automatic Internal Refresh
The DP8420V21V22V DP84T22 have an internal refresh
clock The period of the refresh clock is generated from the
programming bits C0 – 3 Every period of the refresh clock
an internal refresh request is generated As long as a DRAM
access is not currently in progress and precharge time has
been met the internal refresh request will generate an auto-
matic internal refresh If a DRAM access is in progress the
DP8420V21V22V DP84T22 on-chip arbitration logic will
wait until the access is finished before performing the re-
fresh The refreshaccess arbitration logic can insert a re-
fresh cycle between two address pipelined accesses How-
ever the refresh arbitration logic can not interrupt an ac-
cess cycle to perform a refresh To enable automatic inter-
nally controlled refreshes the input DISRFSH must be neg-
ated
TLF11109 – 21
Explanation of Terms
RFRQ e ReFresh ReQuest internal to the DP8420V21V22V DP84T22 RFRQ has the ability to hold off a pending access
RFSH e Externally requested ReFreSH
RFIP e
ReFresh in Progress
ACIP e
Port A or Port B (DP8422V and DP84T22 only) ACcess in Progress This means that either RAS is low for an access or is in the
process of transitioning low for an access
FIGURE 13 DP8420V21V22V DP84T22 AccessRefresh Arbitration State Program
21



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com