Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DP8420V Datasheet(PDF) 17 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # DP8420V
Description  microCMOS Programmable 256k/1M/4M Dynamic RAM Controller/Drivers
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DP8420V Datasheet(HTML) 17 Page - National Semiconductor (TI)

Back Button DP8420V Datasheet HTML 13Page - National Semiconductor (TI) DP8420V Datasheet HTML 14Page - National Semiconductor (TI) DP8420V Datasheet HTML 15Page - National Semiconductor (TI) DP8420V Datasheet HTML 16Page - National Semiconductor (TI) DP8420V Datasheet HTML 17Page - National Semiconductor (TI) DP8420V Datasheet HTML 18Page - National Semiconductor (TI) DP8420V Datasheet HTML 19Page - National Semiconductor (TI) DP8420V Datasheet HTML 20Page - National Semiconductor (TI) DP8420V Datasheet HTML 21Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 60 page
background image
40 Port A Access Modes (Continued)
45 ADDITIONAL ACCESS SUPPORT FEATURES
To support the different modes of accessing the DP8420V
21V22V DP84T22 offer other access features These ad-
ditional features include Address Latches and Column In-
crement (for pageburst mode support) Address Pipelining
and Delay CAS (to allow the user with a multiplexed bus to
ensure valid data is present before CAS is asserted)
451 Address Latches and Column Increment
The Address Latches can be programmed through pro-
gramming bit B0 They can be programmed to either latch
the address or remain in a fall-through mode If the address
latches are used to latch the address the controller will
function as follows
In Mode 0 the rising edge of ALE places the latches in fall-
through once ALE is negated the address present in the
row column and bank input is latched
In Mode 1 the address latches are in fall through mode until
ADS is asserted ADS asserted latches the address
Once the address is latched the column address can be
incremented with the input COLINC COLINC can be used
for sequential accesses of static column DRAMs COLINC
can also be used with the ECAS inputs to support sequen-
tial accesses to page mode DRAMs as shown in
Figure 10
COLINC should only be asserted when the signal RFIP is
negated during an access since this input functions as ex-
tended refresh when RFIP is asserted COLINC must be
negated (0) when the address is being latched (ADS falling
edge in Mode 1) If COLINC is asserted with all of the bits of
the column address asserted (ones) the column address
will return to zero
TLF11109 – 14
FIGURE 10 Column Increment
The address latches function differently with the DP8422V
DP84T22 The DP8422V DP84T22 will latch the address of
the currently granted port If Port A is currently granted the
address will be latched as described in Section 451 If Port
A is not granted and requests an access the address will
be latched on the first or second positive edge of CLK after
GRANTB has been negated depending on the programming
bits R0 R1
For Port B if GRANTB is asserted the address will be
latched with AREQB asserted If GRANTB is negated the
address will latch on the first or second positive edge of
CLK after GRANTB is asserted depending on the program-
ming bits R0 R1
17



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com